Zakładka z wyszukiwarką danych komponentów |
|
STK12C68-W20I Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STK12C68-W20I Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 12 page STK12C68 July 1999 4-43 SRAM READ CYCLES #1 & #2 (VCC = 5.0V ± 10%) b, f Note h: W and HSB must be high during SRAM READ cycles. Note i: Device is continuously selected with E and G both low. Note j: Measured ± 200mV from steady state output voltage. SRAM READ CYCLE #1: Address Controlledh, i SRAM READ CYCLE #2: E Controlledh NO. SYMBOLS PARAMETER STK12C68-20 STK12C68-25 STK12C68-35 STK12C68-45 UNITS #1, #2 Alt. MIN MAX MIN MAX MIN MAX MIN MAX 1tELQV tACS Chip Enable Access Time 20 25 35 45 ns 2tAVAV h tRC Read Cycle Time 20 25 35 45 ns 3tAVQV i tAA Address Access Time 22 25 35 45 ns 4tGLQV tOE Output Enable to Data Valid 8 10 15 20 ns 5tAXQX i tOH Output Hold after Address Change 5 5 5 5 ns 6tELQX tLZ Chip Enable to Output Active 5 5 5 5 ns 7tEHQZ j tHZ Chip Disable to Output Inactive 7 10 13 15 ns 8tGLQX tOLZ Output Enable to Output Active 0 0 0 0 ns 9tGHQZ j tOHZ Output Disable to Output Inactive 7 10 13 15 ns 10 tELICCH g tPA Chip Enable to Power Active 0 0 0 0 ns 11 tEHICCL g tPS Chip Disable to Power Standby 25 25 35 45 ns DATA VALID 5 tAXQX 3 tAVQV DQ (DATA OUT) ADDRESS 2 tAVAV 6 tELQX STANDBY DATA VALID 8 tGLQX 4 tGLQV DQ (DATA OUT) E ADDRESS 2 tAVAV G ICC ACTIVE 1 tELQV 10 tELICCH 11 tEHICCL 7 tEHQZ 9 tGHQZ |
Podobny numer części - STK12C68-W20I |
|
Podobny opis - STK12C68-W20I |