Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDS2024 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części TDS2024
Szczegółowy opis  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

TDS2024 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS2024 Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2024 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Storage Oscilloscopes TDS1000 and TDS2000 Series
www.tektronix.com/tds2000
5
Digital Storage Oscilloscopes
TDS1002 TDS1012 TDS2002 TDS2012 TDS2014 TDS2022 TDS2024
I/O Interface
I/O interface
TDS2CMAX Communication Module
TDS2MEM Storage Memory
and Communication Module
Compatibility
TDS200, TDS1000, TDS2000 Series Oscilloscopes
TDS1000, TDS2000 Series Oscilloscopes
Printer Port
Centronics-type Parallel
Printer Capability
Graphics File Formats – TIFF, PCX (PC Paint Brush), BMP (Microsoft Windows), EPS (Encapsulated Postscript) and RLE
(Requires Module)
Printer Formats – Bubble Jet, DPU-411, DPU-412, DPU-3445, Thinkjet, Deskjet, Laser Jet,
Epson Dot (9- or 24-pin)*2, Epson C60*2, Epson C80
Layout – Landscape and Portrait
RS-232 Programmability
Full talk/listen modes. Control of all modes, settings and measurements.
Baud rate up to 19,200. 9-pin DTE RS-232 Cable (012-1651-00) included
GPIB (IEEE std. 488-1987)
Full talk/listen modes. Control of all modes,
Not Available
Programmability
settings and measurements.
Mass Storage
Not Available
Type 1 CompactFlash memory card supplied with Module*3
CompactFlash
® Memory
Accepts any Type 1 CompactFlash card, up to and including 1 GB
Built-in Clock/Calendar
Includes CompactFlash to USB Memory Card Reader
for use with Personal Computer
OpenChoicePC
TDSPCS1 OpenChoice PC Communications Software included with each Module
Communications
Seamless connection from oscilloscope to PC through GPIB and RS-232
Software
Transfer and save settings, waveforms, measurements, and screen images
Includes a Windows desktop data transfer application in addition to convenient Microsoft Word and Excel Toolbar Add-ins
*2Requires instrument firmware version 2.12/4.12 or higher to support Epson C60/C80 printer formats.
*3Supplied Type 1 CompactFlash memory card storage capacity 8 MB or greater.


Podobny numer części - TDS2024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDS2024B ETC1-TDS2024B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
logo
Diodes Incorporated
TDS2024B DIODES-TDS2024B Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
TDS2024B DIODES-TDS2024B Datasheet
418Kb / 8P
   12VDC and 12VAC input
TDS2024B DIODES-TDS2024B Datasheet
262Kb / 8P
   12VDC and 12VAC input
logo
List of Unclassifed Man...
TDS2024C ETC2-TDS2024C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
More results

Podobny opis - TDS2024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com