Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE50T Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLPGE50T
Szczegółowy opis  TOSHIBA InGaALP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE50T Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLPGE50T Datasheet HTML 1Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 2Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 3Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 4Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 5Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 6Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 7Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 8Page - Toshiba Semiconductor TLPGE50T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)50T
2002-01-17
1
TOSHIBA InGaAℓP LED
TLRE50T,TLRME50T,TLSE50T,TLOE50T,TLYE50T,
TLPYE50T,TLGE50T,TLFGE50T,TLPGE50T
Panel Circuit Indicators
· φ3 mm package
· InGaAℓP technology
· All plastic mold type
· Transparent lens
·
Line-up: 6 colors (red, orange, yellow, pure yellow, green and pure
green)
· High intensity light emission
· Excellent low current light output
· Applications: message boards, security devices and dashboard
displays
Line-up
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3E1A
Weight: 0.14 g
Product Name
Color
Material
TLRE50T
Red
TLRME50T
Red
TLSE50T
Red
TLOE50T
Orange
TLYE50T
Yellow
TLPYE50T
Pure Yellow
TLGE50T
Green
TLFGE50T
Green
TLPGE50T
Pure Green
P
InGaA
l


Podobny numer części - TLPGE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE50T TOSHIBA-TLPGE50T Datasheet
284Kb / 12P
   Panel Circuit Indicators
logo
Marktech Corporate
TLPGE50T MARKTECH-TLPGE50T Datasheet
436Kb / 12P
   TOSHIBA InGaA?밣 LED
logo
Toshiba Semiconductor
TLPGE50TF TOSHIBA-TLPGE50TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Podobny opis - TLPGE50T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGE23TP TOSHIBA-TLGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLGE53T TOSHIBA-TLGE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com