Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5018DBQR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A5018DBQR
Szczegółowy opis  10 OHM QUAD SPDT ANALOG SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018DBQR Arkusz danych(HTML) 3 Page - Texas Instruments

  TS3A5018DBQR Datasheet HTML 1Page - Texas Instruments TS3A5018DBQR Datasheet HTML 2Page - Texas Instruments TS3A5018DBQR Datasheet HTML 3Page - Texas Instruments TS3A5018DBQR Datasheet HTML 4Page - Texas Instruments TS3A5018DBQR Datasheet HTML 5Page - Texas Instruments TS3A5018DBQR Datasheet HTML 6Page - Texas Instruments TS3A5018DBQR Datasheet HTML 7Page - Texas Instruments TS3A5018DBQR Datasheet HTML 8Page - Texas Instruments TS3A5018DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TS3A5018
10 W QUAD SPDT ANALOG SWITCH
SCDS189 – JANUARY 2005
www.ti.com
3
Electrical Characteristics for 3.3-V Supply(1)
V+ = 3 V to 3.6 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM,
VNC,VNO
0
V+
V
ON-state
ron
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
25
°C
3 V
7
10
ON-state
resistance
ron
0
≤ (VNC or VNO) ≤ V+,
ICOM = −32 mA,
Switch ON,
See Figure 13
Full
3 V
12
ON-state
resistance match
∆ron
VNC or VNO = 2.1 V,
Switch ON,
25
°C
3 V
0.3
0.8
resistance match
between
channels
∆ron
VNC or VNO = 2.1 V,
ICOM = −32 mA,
Switch ON,
See Figure 13
Full
3 V
1
ON-state
resistance
ron(flat)
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
25
°C
3 V
5
7
resistance
flatness
ron(flat)
0
≤ (VNC or VNO) ≤ V+,
ICOM = −32 mA,
Switch ON,
See Figure 13
Full
3 V
8
VNC or VNO = 1 V, VCOM = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.1
0.05
0.1
NC, NO
NC
NO
COM
or
VNC or VNO = 3 V, VCOM = 1 V,
Switch OFF,
See Figure 14
Full
3.6 V
−0.2
0.2
NC, NO
OFF leakage
current
INC(OFF)
INO(OFF)
VNC or VNO = 0 to 3.6 V,
VCOM = 3.6 V to 0,
or
Switch OFF,
25
°C
0 V
−2
0.05
2
µA
current
VCOM = 3.6 V to 0,
or
VNC or VNO = 3.6 V to 0,
VCOM = 0 to 3.6 V,
Switch OFF,
See Figure 14
Full
0 V
−10
10
VCOM = 1 V, VNC or VNO = 3 V,
or
Switch OFF,
25
°C
3.6 V
−0.1
0.05
0.1
COM
COM
NC
NO
or
VCOM = 3 V, VNC or VNO = 3 V,
Switch OFF,
See Figure 14
Full
3.6 V
−0.2
0.2
COM
OFF leakage
current
ICOM(OFF)
VCOM = 0 to 3.6 V, VNC or
VNO = 3.6 V to 0,
or
Switch OFF,
25
°C
0 V
−2
0.05
2
µA
current
VNO = 3.6 V to 0,
or
VCOM = 3.6 V to 0, VNC or
VNO = 0 to 3.6 V,
Switch OFF,
See Figure 14
Full
0 V
−10
10
NC, NO
ON leakage
INC(ON)
VNC or VNO = 1 V, VCOM = Open,
or
Switch ON,
25
°C
3.6 V
−0.1
0.05
0.1
A
ON leakage
current
INC(ON)
INO(ON)
NC
NO
COM
or
VNC or VNO = 3 V, VCOM = Open,
Switch ON,
See Figure 15
Full
3.6 V
−0.2
0.2
µA
COM
ON leakage
ICOM(ON)
VCOM = 1 V, VNC or VNO = Open,
or
Switch ON,
25
°C
3.6 V
−0.1
0.05
0.1
A
ON leakage
current
ICOM(ON)
COM
NC
NO
or
VCOM = 3 V, VNC or VNO = Open,
Switch ON,
See Figure 15
Full
3.6 V
−0.2
0.2
µA
Digital Control Inputs (IN, EN)(2)
Input logic high
VIH
Full
2
V+
V
Input logic low
VIL
Full
0
0.8
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
3.6 V
−1
0.05
1
A
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
3.6 V
−1
1
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Podobny numer części - TS3A5018DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI-TS3A5018DBQR Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQR TI1-TS3A5018DBQR Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQRE4 TI-TS3A5018DBQRE4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018DBQRE4 TI-TS3A5018DBQRE4 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Podobny opis - TS3A5018DBQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com