Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-4001 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części A-4001
Szczegółowy opis  SINGLE DIGIT DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

A-4001 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  A-4001 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-4001X
SINGLE DIGIT DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-4001H
A-4001H
GaP
Red
700
8.4
10.0
4400
C-4001E
A-4001E
GaAsP/GaP Hi.effi Red
635
8.0
10.0
12000
C-4001G
A-4001G
GaP
Green
565
8.4
10.0
9000
C-4001Y
A-4001Y
GaAsP/GaP Yellow
585
8.4
10.0
9000
C-4001SR
A-4001SR
GaAlAs
Super Red
660
7.5
8.0
60000
D22
Fig.D22
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Podobny numer części - A-4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
A-4001G PARALIGHT-A-4001G Datasheet
256Kb / 12P
   4.0 INCH SINGLE DIGIT DISPLAY
A-4001Y PARALIGHT-A-4001Y Datasheet
215Kb / 11P
   4.0 INCH SINGLE DIGIT DISPLAY
More results

Podobny opis - A-4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
C-1801X ETC-C-1801X Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
C-5001H ETC-C-5001H Datasheet
80Kb / 1P
   SINGLE DIGIT DISPLAY
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
C-1021X ETC-C-1021X Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
C-1501X ETC-C-1501X Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Visual Communications C...
VAOS-C-A402G9 VCC-VAOS-C-A402G9 Datasheet
204Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-C-A301S9 VCC-VAOS-C-A301S9 Datasheet
318Kb / 4P
   SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-3001 ETC1-C-3001 Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Visual Communications C...
VAOS-C-A301G9 VCC-VAOS-C-A301G9 Datasheet
320Kb / 4P
   SINGLE DIGIT DISPLAY
VAOS-C-A402S9 VCC-VAOS-C-A402S9 Datasheet
201Kb / 4P
   SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-601 ETC-A-601 Datasheet
97Kb / 1P
   SINGLE DIGIT DISPLAY
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com