Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5339ARM-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5339ARM-REEL7
Szczegółowy opis  2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5339ARM-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5339ARM-REEL7 Datasheet HTML 1Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 2Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 3Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 4Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD5339ARM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5337/AD5338/AD5339
Rev. A | Page 4 of 24
Grade A
Grade B
Parameter1
Min
Typ
Max
Min
Typ
Max
Unit
B Version2 Conditions/Comments
LOGIC INPUTS (A0)5
Input Current
±1
±1
µA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V ±10%
0.6
0.6
V
VDD = 3 V ±10%
0.5
0.5
V
VDD = 2.5 V
VIH, Input High Voltage
2.4
2.4
V
VDD = 5 V ±10%
2.1
2.1
V
VDD = 3 V ±10%
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
3
3
pF
LOGIC INPUTS (SCL, SDA)5
VIH, Input High Voltage
0.7
VDD
VDD +
0.3
0.7
VDD
VDD +
0.3
V
SMBus-compatible at VDD < 3.6 V
VIL, Input Low Voltage
−0.3
+0.3
VDD
–0.3
+0.3
VDD
V
SMBus-compatible at VDD < 3.6 V
IIN, Input Leakage Current
±1
±1
µA
VHYST, Input Hysteresis
0.05
VDD
0.05
VDD
V
CIN, Input Capacitance
8
8
pF
Glitch Rejection
50
50
ns
Input filtering suppresses noise spikes of
less than 50 ns
LOGIC OUTPUT (SDA)5
VOL, Output Low Voltage
0.4
0.4
V
ISINK = 3 mA
0.6
0.6
V
ISINK = 6 mA
Three-State Leakage
Current
±1
±1
µA
Three-State Output
Capacitance
8
8
pF
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)7
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
300
375
300
375
µA
VDD = 2.5 V to 3.6 V
250
350
250
350
µA
IDD (Power-Down Mode)
VIH = VDD and VIL = GND
VDD = 4.5 V to 5.5 V
0.2
1.0
0.2
1.0
µA
IDD = 4 µA (max) during 0 readback
on SDA
VDD = 2.5 V to 3.6 V
0.08
1.00
0.08
1.00
µA
IDD = 1.5 µA (max) during 0 readback
on SDA
1 For explanations of the specific parameters, see the Termin
section.
ology
2 Temperature range: (A and B versions): −40°C to +105°C; typical at 25°C.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5337 (Codes 8 to 248); AD5338, AD5338-1 (Codes 28 to 995); AD5339 (Codes 115 to 3981).
5 Guaranteed by design and characterization; not production tested.
6 For the amplifier output to reach its minimum voltage, offset error must be negative; to reach its maximum voltage, VREF = VDD and offset plus gain error must be
positive.
7 IDD specification is valid for all DAC codes. Interface inactive. All DACs active and excluding load currents.


Podobny numer części - AD5339ARM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5339ARM AD-AD5339ARM Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5339ARMZ AD-AD5339ARMZ Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5339ARMZ-REEL7 AD-AD5339ARMZ-REEL7 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
More results

Podobny opis - AD5339ARM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com