Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF89XA Arkusz danych(PDF) 27 Page - Microchip Technology

Numer części MRF89XA
Szczegółowy opis  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Arkusz danych(HTML) 27 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 23Page - Microchip Technology MRF89XA Datasheet HTML 24Page - Microchip Technology MRF89XA Datasheet HTML 25Page - Microchip Technology MRF89XA Datasheet HTML 26Page - Microchip Technology MRF89XA Datasheet HTML 27Page - Microchip Technology MRF89XA Datasheet HTML 28Page - Microchip Technology MRF89XA Datasheet HTML 29Page - Microchip Technology MRF89XA Datasheet HTML 30Page - Microchip Technology MRF89XA Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 27
MRF89XA
FIGURE 2-18:
MRF89XA REGISTERS MEMORY MAP
The
MRF89XA
registers
handle
command,
configuration, control, status, or data/FIFO fields as
listed in Table 2-6. The registers operate on
parameters common to transmit and receive modes,
Interrupts, Sync pattern, crystal oscillator, and packets.
The FIFO serves as a buffer for data transmission and
reception. There is a shifted register (SR) to handle bit
shifts for the FIFO during transmission and reception.
POR sets default values in all Configuration/Control/
Status registers.
0x05
0x06
FIFOCREG
R1CREG
S1CREG
P1CREG
FTPRIREG
FTXRXIREG
PACREG
S2CREG
R2CREG
P2CREG
GCONREG
DMODREG
FDEVREG
BRSREG
FLTHREG
RSTHIREG
0x00
0x01
0x04
0x03
0x02
0x0A
0x09
0x08
0x0E
0x0D
0x0C
0x0B
0x0F
0x1A
0x1B
0x1C
0x1D
0x1E
0x17
0x18
0x19
0x14
0x15
0x16
0x12
0x13
0x11
0x07
PLOADREG
CLKOREG
TXCONREG
SYNCV07REG
SYNCV15REG
SYNCV23REG
SYNCV31REG
OOKCREG
RSVREG
RSTSREG
PKTCREG
NADDSREG
PFCREG
SYNCREG
FCRCREG
0x1F
Register Name
Register Name
FILCREG
0x10


Podobny numer części - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Podobny opis - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com