Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF89XA Arkusz danych(PDF) 29 Page - Microchip Technology

Numer części MRF89XA
Szczegółowy opis  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Arkusz danych(HTML) 29 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 25Page - Microchip Technology MRF89XA Datasheet HTML 26Page - Microchip Technology MRF89XA Datasheet HTML 27Page - Microchip Technology MRF89XA Datasheet HTML 28Page - Microchip Technology MRF89XA Datasheet HTML 29Page - Microchip Technology MRF89XA Datasheet HTML 30Page - Microchip Technology MRF89XA Datasheet HTML 31Page - Microchip Technology MRF89XA Datasheet HTML 32Page - Microchip Technology MRF89XA Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
 2010-2017 Microchip Technology Inc.
Preliminary
DS70000622D-page 29
MRF89XA
Receiver Configuration Registers: Size – 6 Bytes, Start Address – 0x14
Register
Address
Register
Name
Register Description
Related Control Functions
0x14
RSTSREG
RSSI Status Read Register
RSSI output
0x15
OOKCREG
OOK Configuration Register
RSSI threshold size in OOK demodulator,
RSSI threshold period in OOK demodulator,
cut-off frequency of the OOK threshold in
demodulator
Sync Word Configuration Registers: Size – 4 Bytes, Start Address – 0x16
Register
Address
Register
Name
Register Description
Related Control Functions
0x16
SYNCV31REG Sync Value 1st Byte Configuration
Register
Configuring first byte of the 32-bit
Sync Word
0x17
SYNCV23REG Sync Value 2nd Byte Configuration
Register
Configuring second byte of the 32-bit
Sync Word
0x18
SYNCV15REG Sync Value 3rd Byte Configuration
Register
Configuring third byte of the 32-bit
Sync Word
0x19
SYNCV07REG Sync Value 4th Byte Configuration
Register
Configuring fourth byte of the 32-bit
Sync Word
Transmitter Configuration Registers: Size – 1 Byte, Start Address – 0x1A
Register
Address
Register
Name
Register Description
Related Control Functions
0x1A
TXCONREG
Transmit Configuration Register
Transmit interpolation cut-off frequency,
power output
Oscillator Configuration Registers: Size – 1 Byte, Start Address – 0x1B
Register
Address
Register
Name
Register Description
Related Control Functions
0x1B
CLKOREG
Clock Output Control Register
Clock-out control, frequency
Packet Handling Configuration Registers: Size – 4 Bytes, Start Address – 0x1C
Register
Address
Register
Name
Register Description
Related Control Functions
0x1C
PLOADREG
Payload Configuration Register
Enable Manchester encoding/decoding,
payload length
0x1D
NADDSREG
Node Address Set Register
Node’s local address for filtering of received
packets
0x1E
PKTCREG
Packet Configuration Register
Packet format, size of the preamble,
whitening, CRC on/off, address filtering of
received packets, CRC status
0x1F
FCRCREG
FIFO CRC Configuration Register
FIFO auto-clear (if CRC failed), FIFO
access
TABLE 2-6:
CONFIGURATION/CONTROL/STATUS REGISTER DESCRIPTION (CONTINUED)


Podobny numer części - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Podobny opis - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com