Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MRF89XA Arkusz danych(PDF) 46 Page - Microchip Technology

Numer części MRF89XA
Szczegółowy opis  Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XA Arkusz danych(HTML) 46 Page - Microchip Technology

Back Button MRF89XA Datasheet HTML 42Page - Microchip Technology MRF89XA Datasheet HTML 43Page - Microchip Technology MRF89XA Datasheet HTML 44Page - Microchip Technology MRF89XA Datasheet HTML 45Page - Microchip Technology MRF89XA Datasheet HTML 46Page - Microchip Technology MRF89XA Datasheet HTML 47Page - Microchip Technology MRF89XA Datasheet HTML 48Page - Microchip Technology MRF89XA Datasheet HTML 49Page - Microchip Technology MRF89XA Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
MRF89XA
DS70000622D-page 46
Preliminary
 2010-2017 Microchip Technology Inc.
2.16.6
OOK CONFIGURATION REGISTER DETAILS
REGISTER 2-22:
OOKCREG: OOK CONFIGURATION REGISTER (ADDRESS:0x15) (POR:0x00)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OOKTHSV<2:0>
OOKTHPV<2:0>
OOKATHC<1:0>
bit 7
bit 0
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-5
OOKTHSV<2:0>: OOK Threshold Step Value bits
These bits set the size of each decrement of the RSSI threshold in the OOK demodulator.
111 = 6.0 dB
110 = 5.0 dB
101 = 4.0 dB
100 = 3.0 dB
011 = 2.0 dB
010 = 1.5 dB
001 = 1.0 dB
000 = 0.5 dB (default)
bit 4-2
OOKTHPV<2:0>: OOK Threshold Period Value bits
These bits set the period of decrement of the RSSI threshold in the OOK demodulator.
111 = 16 times in each chip period
110 = 8 times in each chip period
101 = 4 times in each chip period
100 = twice in each chip period
011 = once in each 8 chip periods
010 = once in each 4 chip periods
001 = once in each 2 chip periods
000 = once in each chip period (default)
bit 1-0
OOKATHC<1:0>: OOK Average Threshold Cut-off bits
These bits set the cut-off frequency of the averaging for the average mode of the OOK threshold in the
demodulator.
11 = fc ~ BR/32.π
(1)
10 = Reserved; do not use
01 = Reserved; do not use
00 = fc ~ BR/8.π (default)
(1)
Note 1: BR is the bit rate (for more information, refer to BRSREG (Register 2-22)).


Podobny numer części - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A MICROCHIP-MRF89XAM8A Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
MRF89XAM8A-I/RM MICROCHIP-MRF89XAM8A-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM8AT-I/RM MICROCHIP-MRF89XAM8AT-I/RM Datasheet
682Kb / 34P
   868 MHz Ultra-Low Power
08/04/10
MRF89XAM9A MICROCHIP-MRF89XAM9A Datasheet
623Kb / 36P
   915 MHz Ultra Low-Power Sub-GHz Transceiver Module
11/29/12
More results

Podobny opis - MRF89XA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com