Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BW-N6W5 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części BW-N6W5
Szczegółowy opis  Precision Fixed Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-N6W5 Arkusz danych(HTML) 1 Page - Mini-Circuits

  BW-N6W5 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C**
Outline Drawing
Outline Dimensions (
)
BW-N6W5+
ATTENUATION
5.7
5.8
5.9
6.0
6.1
6.2
0
3000
6000
9000 12000 15000 18000
FREQUENCY (MHz)
inch
mm
BW-N6W5+
50Ω
5W
6dB
DC to 18000 MHz
Precision Fixed Attenuator
REV. D
M151107
EA-8722
BW-N6W5+
Coaxial
BW-N6W5+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
0
3000
6000
9000 12000 15000 18000
FREQUENCY (MHz)
1. At 25°C, accuracy includes frequency and power variations. Temperature coefficient for attenuation: .0004dB/dB/°C typ.
2. VSWR from 12.4 to 18 GHz, 1.6:1 typ.
3. Average power at 25°C ambient, derate linearly to 2W at 100°C. Peak Power 125W max. 5µsec. pulse width, 100 Hz PRF.
Features
• DC to 18000 MHz
• precise attenuation
• excellent VSWR, 1.20 typ
• stainless steel N male and female connectors
Applications
• matching
• instrumentation
• test set-ups
FREQ.
RANGE
(MHz)
ATTENUATION1
(dB)
VSWR2
(:1)
MAX.
INPUT
POWER3
ACCURACY
DC-4
GHz
4-8
GHz
8-12.4
GHz
(W)
f
L--fU
Nom.
Max.
Max.
Max.
DC-18000
6
±0.40
1.20
1.25
1.30
5
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
B
D
E
wt
.61
1.90
.812
grams
15.49
48.26
20.62
49.7
100
5.94
1.01
2000
5.96
1.03
4000
5.99
1.05
6000
6.00
1.04
8000
6.01
1.06
10000
6.03
1.13
11000
6.04
1.14
13000
6.08
1.14
15000
6.08
1.10
18000
6.15
1.14
Electrical Schematic
FEMALE
MALE
R1
R2
R3
**With mated connectors. Unmated, 85°C max.
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: DC736
Connectors
Model
N-Female N-Male
BW-N6W5+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Podobny numer części - BW-N6W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
BW-N6W5++ MINI-BW-N6W5+ Datasheet
276Kb / 1P
   FIXED ATTENUATORS
More results

Podobny opis - BW-N6W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
BW-E20-1W653 MINI-BW-E20-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-K20-2W44 MINI-BW-K20-2W44 Datasheet
182Kb / 2P
   Precision Fixed Attenuator
BW-E6-1W653 MINI-BW-E6-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-E10-1W653 MINI-BW-E10-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-S8W2 MINI-BW-S8W2 Datasheet
186Kb / 1P
   Precision Fixed Attenuator
BW-S50W2 MINI-BW-S50W2 Datasheet
174Kb / 1P
   Precision Fixed Attenuator
BW-S15W5 MINI-BW-S15W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-S30W5 MINI-BW-S30W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-N10W5 MINI-BW-N10W5 Datasheet
196Kb / 1P
   Precision Fixed Attenuator
BW-K5-2W44 MINI-BW-K5-2W44 Datasheet
201Kb / 2P
   Precision Fixed Attenuator
BW-E30-1W653 MINI-BW-E30-1W653 Datasheet
178Kb / 2P
   Precision Fixed Attenuator
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com