Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MODEL35 Arkusz danych(PDF) 3 Page - TT Electronics.

Numer części MODEL35
Szczegółowy opis  OPEN TYPE TRIMMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL35 Arkusz danych(HTML) 3 Page - TT Electronics.

  MODEL35 Datasheet HTML 1Page - TT Electronics. MODEL35 Datasheet HTML 2Page - TT Electronics. MODEL35 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Open Type Trimmer
Model 35
© TT electronics plc
Issue B
11/2017
Page 3
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
Outline Drawings
Circuit Diagram
Standard Resistance Values, Ohms


Podobny numer części - MODEL35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MODEL351HE VISHAY-MODEL351HE Datasheet
270Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 15-Nov-07
MODEL351HE VISHAY-MODEL351HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
MODEL357 VISHAY-MODEL357 Datasheet
256Kb / 3P
   7/8 (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
Revision: 15-Nov-07
MODEL357 VISHAY-MODEL357 Datasheet
100Kb / 4P
   7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
MODEL357 VISHAY-MODEL357_V01 Datasheet
100Kb / 4P
   7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
More results

Podobny opis - MODEL35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
MODEL37 TTELEC-MODEL37 Datasheet
603Kb / 3P
   OPEN TYPE TRIMMER
MODEL38 TTELEC-MODEL38 Datasheet
636Kb / 3P
   OPEN TYPE TRIMMER
MODEL36 TTELEC-MODEL36 Datasheet
482Kb / 3P
   OPEN TYPE TRIMMER
logo
Panasonic Semiconductor
EVM-3YSX50B13 PANASONIC-EVM-3YSX50B13 Datasheet
149Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
logo
Murata Manufacturing Co...
R50E MURATA-R50E Datasheet
1Mb / 55P
   Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
Panasonic Semiconductor
EVM-3YSX50B14 PANASONIC-EVM-3YSX50B14 Datasheet
108Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B14 PANASONIC-EVM-3WSX80B14 Datasheet
76Kb / 2P
   3 mm Square Low-Profile SMT Trimmer Potentiometers ( Cermet, Open Frame Type)
EVM-2NSX80B53 PANASONIC-EVM-2NSX80B53 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-2NSX80B22 PANASONIC-EVM-2NSX80B22 Datasheet
88Kb / 3P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B24 PANASONIC-EVM-3WSX80B24 Datasheet
63Kb / 1P
   3 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com