Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MODEL93 Arkusz danych(PDF) 1 Page - TT Electronics.

Numer części MODEL93
Szczegółowy opis  SINGLE TURN TRIMMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL93 Arkusz danych(HTML) 1 Page - TT Electronics.

  MODEL93 Datasheet HTML 1Page - TT Electronics. MODEL93 Datasheet HTML 2Page - TT Electronics. MODEL93 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Turn Trimmer
Model 93
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
1/2” diameter
Single turn
Cermet
Electrical
Environmental
Mechanical


Podobny numer części - MODEL93

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MODEL970-1036 VISHAY-MODEL970-1036 Datasheet
325Kb / 3P
   Industrial Sensor for Harsh Environment (Throttle Position/Through Hole)
Revision: 20-Mar-07
MODEL971 VISHAY-MODEL971 Datasheet
240Kb / 3P
   Throttle Position Sensor with Integrated Spring Return System
Revision: 29-Jan-07
MODEL981HE VISHAY-MODEL981HE Datasheet
169Kb / 3P
   Custom Capabilities Position Sensors and Variable Resistors
01-Jan-2022
More results

Podobny opis - MODEL93

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
MODEL82 TTELEC-MODEL82 Datasheet
816Kb / 4P
   SINGLE TURN TRIMMER
MODEL72 TTELEC-MODEL72 Datasheet
989Kb / 5P
   SINGLE TURN TRIMMER
MODEL23 TTELEC-MODEL23 Datasheet
782Kb / 3P
   SINGLE TURN TRIMMER
MODEL25 TTELEC-MODEL25 Datasheet
754Kb / 4P
   SINGLE TURN TRIMMER
MODEL22 TTELEC-MODEL22 Datasheet
645Kb / 3P
   SINGLE TURN TRIMMER
logo
Vatronics Technologies ...
3329 VATRONICS-3329 Datasheet
62Kb / 2P
   Round Single-Turn Trimmer Potentiometers
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
logo
Bi technologies
39WLABR100KLF30 BITECH-39WLABR100KLF30_09 Datasheet
84Kb / 4P
   15 mm Single-Turn Trimmer
logo
Vatronics Technologies ...
3323 VATRONICS-3323 Datasheet
99Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
3362 VATRONICS-3362 Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com