Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSM4NC50CP Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TSM4NC50CP
Szczegółowy opis  100% UIS and Rg tested
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NC50CP Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM4NC50CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM4NC50CP
Taiwan Semiconductor
3
Version: A1609
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate-Source Voltage vs. Gate Charge
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-Source Voltage
VGS, Gate to Source Voltage (V)
VDS, Drain to Source Voltage (V)
ID, Drain Current (A)
Qg, Gate Charge (nC)
TJ, Junction Temperature (°C)
VGS, Gate to Source Voltage (V)
0
1
2
3
4
0
2
4
6
8
10
12
14
V
GS=10V
V
GS=9V
V
GS=8V
V
GS=7V
V
GS=6V
V
GS=5V
V
GS=4V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
3.5
4
V
GS=10V
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
4
5
6
7
8
9
10
I
D=1.7A
0
2
4
6
8
10
0
3
6
9
12
15
V
DS=400V
I
D=3.4A
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100 125 150
V
GS=10V
I
D=1.7A
0
1
2
3
4
0
2
4
6
8
25℃
-55℃
150℃


Podobny numer części - TSM4NC50CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSM4NC60CI TSC-TSM4NC60CI Datasheet
416Kb / 6P
   Advanced planar process
More results

Podobny opis - TSM4NC50CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
126Kb / 7P
   N-Channel 80 V (D-S) MOSFET 100 % UIS Tested
Rev. A, 22-Mar-10
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET 100 % Rg Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com