Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSM4NC50CP Arkusz danych(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Numer części TSM4NC50CP
Szczegółowy opis  100% UIS and Rg tested
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NC50CP Arkusz danych(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM4NC50CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NC50CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TSM4NC50CP
Taiwan Semiconductor
6
Version: A1609
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular
purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Podobny numer części - TSM4NC50CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSM4NC60CI TSC-TSM4NC60CI Datasheet
416Kb / 6P
   Advanced planar process
More results

Podobny opis - TSM4NC50CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
126Kb / 7P
   N-Channel 80 V (D-S) MOSFET 100 % UIS Tested
Rev. A, 22-Mar-10
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415_13 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET 100 % Rg Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com