Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CC1312R Arkusz danych(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Numer części CC1312R
Szczegółowy opis  SimpleLink High-Performance Sub-1 GHz Wireless MCU
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312R Arkusz danych(HTML) 16 Page - Texas Instruments

Back Button CC1312R Datasheet HTML 12Page - Texas Instruments CC1312R Datasheet HTML 13Page - Texas Instruments CC1312R Datasheet HTML 14Page - Texas Instruments CC1312R Datasheet HTML 15Page - Texas Instruments CC1312R Datasheet HTML 16Page - Texas Instruments CC1312R Datasheet HTML 17Page - Texas Instruments CC1312R Datasheet HTML 18Page - Texas Instruments CC1312R Datasheet HTML 19Page - Texas Instruments CC1312R Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
16
CC1312R
SWRS210 – JANUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1312R
Specifications
Copyright © 2018, Texas Instruments Incorporated
5.12.1 Clock Specifications
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
Adjustable load capacitance is integrated into the device. External load capacitors are required for systems targeting compliance
with ARIB T-108 and 450–470 MHz frequency bands.When external load capacitance is used, the internal capacitance must be set to
zero through software configuration in the Customer Configuration Section (CCFG). See the device errata for further details.
(3)
On-chip default connected capacitance including reference design parasitic capacitance. Connected internal capacitance is changed
through software in the Customer Configuration section (CCFG)
(4)
The crystal start-up time is fast because it is "kick-started" using the RCOSC_HF oscillator (temperature and aging compensated by
default) that is running at the same frequency. This number will increase if disabling the calibration of RCOSC_HF in the TI-provided
power driver
Table 5-3. 48-MHz Crystal Oscillator (XOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
(1)
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
ESR equivalent series resistance
60
Ω
LM Motional inductance, relates to the load capacitance that is used for the
crystal (CL in Farads)
< 0.5 × 10–24 / C2L
H
CL Crystal load capacitance
(2)
5
7(3)
9
pF
Start-up time(4)
250
µs
(1)
Probing or otherwise stopping the crystal while the DC/DC converter is enabled may cause permanent damage to the device.
(2)
Default load capacitance using TI reference designs including parasitic capacitance. Crystals with different load capacitance may be
used.
Table 5-4. 32.768-kHz Crystal Oscillator (XOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
(1)
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
ESR Equivalent series resistance
30
100
k
Internal crystal load capacitance (CL)
6
7(2)
12
pF
(1)
Accuracy relatively to the calibration source (XOSC_HF).
Table 5-5. 48-MHz RC Oscillator (RCOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1%
Calibrated frequency accuracy(1)
±0.25%
Start-up time
5
µs
Table 5-6. 2-MHz RC Oscillator (RCOSC_MF)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
2
MHz
Temperature coefficient
ppm/°C
Start-up time
µs
Table 5-7. 32-kHz RC Oscillator (RCOSC_LF)
Measured on the Texas Instruments CC1352PEM-7XD-7793 reference design with Tc = 25°C,
VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
32.768
kHz
Temperature coefficient
50
ppm/°C


Podobny numer części - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R TI-CC1312R Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1312R TI-CC1312R Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1312R TI-CC1312R Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC1312R TI-CC1312R Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC1312R TI-CC1312R Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Podobny opis - CC1312R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CC1312R7 TI-CC1312R7 Datasheet
3Mb / 58P
[Old version datasheet]   CC1312R7 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
REVISED NOVEMBER 2021
CC1311R3 TI-CC1311R3 Datasheet
2Mb / 64P
[Old version datasheet]   CC1311R3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU
MARCH 2022
CC1314R10 TI-CC1314R10 Datasheet
3Mb / 78P
[Old version datasheet]   CC1314R10 SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI1-CC1310_16 Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink Ultralow Power Sub-1-GHz Wireless MCU
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
[Old version datasheet]   CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
[Old version datasheet]   CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1310 TI-CC1310_15 Datasheet
662Kb / 46P
[Old version datasheet]   CC1310 SimpleLink Ultra-Low Power Sub-1 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com