Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA60R150C Arkusz danych(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

Numer części TPA60R150C
Szczegółowy opis  600V Super-Junction Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WUMC [Wuxi Unigroup Microelectronics Company]
Strona internetowa  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA60R150C Arkusz danych(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TPA60R150C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA60R150C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPP60R150C, TPA60R150C, TPV60R150C, TPC60R150C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = 250µA
600
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 600V, VGS = 0V, TJ = 25º
C
--
--
1
μA
V
DS = 600V, VGS = 0V, TJ = 150ºC
--
--
100
Gate-Source Leakage
I
GSS
V
GS = ±30V
--
--
±100
nA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = 250µA
2.5
--
4.0
V
Drain-Source On-Resistance (Note3)
R
DS(on)
V
GS = 10V, ID = 10A
--
0.13
0.15
Forward Transconductance
(Note3)
g
fs
V
DS = 10V, ID = 10A
--
18.8
--
S
Dynamic
Input Capacitance
C
iss
V
GS = 0V,VDS = 50V,
f = 1.0MHz
--
2328
--
pF
Output Capacitance
C
oss
--
116
--
Reverse Transfer Capacitance
C
rss
--
7
--
Total Gate Charge
Q
g
V
DD = 480V, ID = 20A,
V
GS = 10V
--
46
--
nC
Gate-Source Charge
Q
gs
--
11
--
Gate-Drain Charge
Q
gd
--
13
--
Turn-on Delay Time
t
d(on)
V
DD = 400V, ID = 20A,
R
G = 25Ω
--
43
--
ns
Turn-on Rise Time
t
r
--
14
--
Turn-off Delay Time
t
d(off)
--
150
--
Turn-off Fall Time
t
f
--
7
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
I
S
T
C = 25º
C
--
--
20.6
A
Pulsed Diode Forward Current
I
SM
--
--
70
Body Diode Voltage
V
SD
T
J = 25º
C, I
SD = 20A, VGS = 0V
--
0.9
1.2
V
Reverse Recovery Time
t
rr
V
R = 480V, IF = IS,
di
F/dt = 100A/μs
--
460
--
ns
Reverse Recovery Charge
Q
rr
--
3.8
--
μC
Peak Reverse Recovery Current
I
rrm
--
35
--
A
Notes
1.
Repetitive Rating: Pulse Width limited by maximum junction temperature
2.
I
AS = 4A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3.
Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 1%
2


Podobny numer części - TPA60R150C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Unigroup Microelec...
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA60R700C WUMC-TPA60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
More results

Podobny opis - TPA60R150C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Unigroup Microelec...
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU03N60CT CITC-MJU03N60CT Datasheet
275Kb / 7P
   600V Super Junction Power MOSFET
MJU07N60CT CITC-MJU07N60CT Datasheet
302Kb / 7P
   600V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD60R700C WUMC-TPD60R700C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R075C WUMC-TPW60R075C Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPD65R350C WUMC-TPD65R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPW60R080CFD WUMC-TPW60R080CFD Datasheet
775Kb / 8P
   600V Super-Junction Power MOSFET
TPA60R350C WUMC-TPA60R350C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
   600V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJP60R290E PANJIT-PJP60R290E Datasheet
1Mb / 8P
   600V N-Channel Super Junction MOSFET
February 1,2018-REV.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com