Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA65R1K2C Arkusz danych(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Numer części TPA65R1K2C
Szczegółowy opis  650V Super-Junction Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WUMC [Wuxi Unigroup Microelectronics Company]
Strona internetowa  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPA65R1K2C Arkusz danych(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPA65R1K2C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPA65R1K2C Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPP65R1K2C, TPA65R1K2C, TPU65R1K2C, TPD65R1K2C, TPC65R1K2C, TPB65R1K2C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
FEATURES
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
 RoHS compliant
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Absolute Maximum Ratings T
C = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
TO-220, TO-251, TO-252
TO-262, TO-263
TO-220F
Drain-Source Voltage (V
GS = 0V)
V
DSS
650
V
Continuous Drain Current
I
D
4
A
Pulsed Drain Current
(note1)
I
DM
12
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
52.8
mJ
Avalanche Current
(note1)
I
AR
0.8
A
Repetitive Avalanche Energy
(note1)
E
AR
0.09
mJ
Power Dissipation (T
C = 25ºC)
P
D
28
23
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
TO-220, TO-251, TO-252
TO-262, TO-263
TO-220F
Thermal Resistance, Junction-to-Case
R
thJC
4.4
5.5
ºC/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62
80
650V Super-Junction Power MOSFET
1
Device Marking and Package Information
Device
TPP65R1K2C
TPA65R1K2C
TPU65R1K2C
TPD65R1K2C
TPC65R1K2C
TPB65R1K2C
Package
TO-220
TO-220F
TO-251
TO-252
TO-262
TO-263
Marking
65R1K2C
65R1K2C
65R1K2C
65R1K2C
65R1K2C
65R1K2C


Podobny numer części - TPA65R1K2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Unigroup Microelec...
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results

Podobny opis - TPA65R1K2C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
   650V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPV65R085CFD WUMC-TPV65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPA65R600C WUMC-TPA65R600C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R160C WUMC-TPA65R160C Datasheet
1Mb / 9P
   650V Super-Junction Power MOSFET
TPD65R1K2C WUMC-TPD65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com