Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BW-V3-1W54 Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części BW-V3-1W54
Szczegółowy opis  Precision Fixed Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-V3-1W54 Arkusz danych(HTML) 2 Page - Mini-Circuits

  BW-V3-1W54 Datasheet HTML 1Page - Mini-Circuits BW-V3-1W54 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Electrical Specifications at 25°C
1.00
2.00
3.00
4.00
5.00
0
10
20
30
40
50
FREQUENCY (GHz)
BW-V3-1W54+
ATTENUATION
BW-V3-1W54+
50Ω
1W
3dB
DC to 50 GHz
Coaxial, Millimeter Wave
1.00
1.05
1.10
1.15
1.20
0
10
20
30
40
50
FREQUENCY (GHz)
BW-V3-1W54+
VSWR
Frequency
(GHz)
Attenuation
(dB)
VSWR
(:1)
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Permanent damage may occur if any of these limits are exceeded.
0.01
2.90
1.03
1.00
2.88
1.03
5.00
2.90
1.04
10.00
2.95
1.04
15.00
3.00
1.07
18.00
3.07
1.07
20.00
3.09
1.08
26.50
3.18
1.15
40.00
3.63
1.14
50.00
4.12
1.08
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
wt
0.360
0.312
0.281
0.871
--
grams
9.14
7.93
7.14
22.12
--
5.44
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
50
GHz
Attenuation
DC - 26.5
2.5
3.0
3.5
dB
26.5 - 40
2.0
3.4
4.0
40 - 50
1.5
3.8
4.5
VSWR
DC - 26.5
1.1
1.35
:1
26.5 - 40
1.2
1.6
40 - 50
1.1
1.75
Input Power1
DC - 50
1
W
1. Max. power at 25°C ambient, derate linearly to 0.1W at 100°C.
REV. OR
M161392
BW-V3-1W54+
GY/CP
160413
Features
• DC to 50 GHz
• precise attenuation
• excellent VSWR, 1.20 typ.
• passivated stainless steel connectors
Applications
• matching
• instrumentation
• test set-ups
CASE STYLE: DJ2264
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Connectors
Model
2.4mm-Female - 2.4mm Male
BW-V3-1W54+
Precision Fixed Attenuator


Podobny numer części - BW-V3-1W54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
BW-V10-1W54 MINI-BW-V10-1W54 Datasheet
165Kb / 2P
   Precision Fixed Attenuator
BW-V20-1W54 MINI-BW-V20-1W54 Datasheet
188Kb / 2P
   Precision Fixed Attenuator
BW-V6-1W54 MINI-BW-V6-1W54 Datasheet
165Kb / 2P
   Precision Fixed Attenuator
BW-VF20-1W54++ MINI-BW-VF20-1W54+ Datasheet
307Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

Podobny opis - BW-V3-1W54

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
BW-E20-1W653 MINI-BW-E20-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-K20-2W44 MINI-BW-K20-2W44 Datasheet
182Kb / 2P
   Precision Fixed Attenuator
BW-E6-1W653 MINI-BW-E6-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-E10-1W653 MINI-BW-E10-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-S8W2 MINI-BW-S8W2 Datasheet
186Kb / 1P
   Precision Fixed Attenuator
BW-S50W2 MINI-BW-S50W2 Datasheet
174Kb / 1P
   Precision Fixed Attenuator
BW-S15W5 MINI-BW-S15W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-S30W5 MINI-BW-S30W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-N10W5 MINI-BW-N10W5 Datasheet
196Kb / 1P
   Precision Fixed Attenuator
BW-K5-2W44 MINI-BW-K5-2W44 Datasheet
201Kb / 2P
   Precision Fixed Attenuator
BW-E30-1W653 MINI-BW-E30-1W653 Datasheet
178Kb / 2P
   Precision Fixed Attenuator
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com