Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC1000B-MUT Arkusz danych(PDF) 12 Page - ATMEL Corporation

Numer części ATWILC1000B-MUT
Szczegółowy opis  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Arkusz danych(HTML) 12 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 8Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 9Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 10Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 11Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 12Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 13Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 14Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 15Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
1
2
12
4.3
DC Electrical Characteristics
Table 4-3 provides the DC characteristics for the ATWILC1000B digital pads.
Table 4-3.
DC Electrical Characteristics
VDDIO
condition
Characteristic
Min.
Typ.
Max.
Unit
VDDIOL
Input Low Voltage VIL
-0.30
0.60
V
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
VDDIOM
Input Low Voltage VIL
-0.30
0.63
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
VDDIOH
Input Low Voltage VIL
-0.30
0.65
Input High Voltage VIH
VDDIO-0.60
VDDIO+0.30
(up to 3.60)
Output Low Voltage VOL
0.45
Output High Voltage VOH
VDDIO-0.50
All
Output Loading
20
pF
All
Digital Input Load
6
VDDIOL
Pad Drive Strength (regular pads (1))
1.7
2.4
mA
VDDIOM
Pad Drive Strength (regular pads (1))
3.4
6.5
VDDIOH
Pad Drive Strength (regular pads (1))
10.6
13.5
VDDIOL
Pad Drive Strength (high-drive pads (1))
3.4
4.8
VDDIOM
Pad Drive Strength (high-drive pads (1))
6.8
13
VDDIOH
Pad Drive Strength (high-drive pads (1))
21.2
27
Note:
1.
The following are high-drive pads: I2C_SCL, I2C_SDA; all other pads are regular.


Podobny numer części - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Podobny opis - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com