Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC1000B-MUT Arkusz danych(PDF) 19 Page - ATMEL Corporation

Numer części ATWILC1000B-MUT
Szczegółowy opis  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Arkusz danych(HTML) 19 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 15Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 16Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 17Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 18Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 19Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 20Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 21Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 22Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
1
9
19
7.3.2
Transmitter Performance
Radio Performance under Typical Conditions: VBATT=3.6V; VDDIO=3.3V; temp.: 25°C.
Table 7-2.
Transmitter Performance
Parameter
Description
Min.
Typ.
Max.
Unit
Frequency
2,412
2,484
MHz
Output Power (1), ON_Transmit
802.11b 1Mbps
19.5
dBm
802.11b 11Mbps
20.5
802.11g 6Mbps
19.5
802.11g 54Mbps
17.5
802.11n MCS 0
18.0
802.11n MCS 7
15.5
TX Power Accuracy
±1.5 (2)
dB
Carrier Suppression
30.0
dBc
Harmonic Output Power
2nd
-33
dBm/MHz
3rd
-38
Notes:
1.
Measured at 802.11 spec compliant EVM/Spectral Mask.
2.
Measured at RF Pin assuming 50Ω differential.


Podobny numer części - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Podobny opis - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com