Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWILC1000B-MUT Arkusz danych(PDF) 26 Page - ATMEL Corporation

Numer części ATWILC1000B-MUT
Szczegółowy opis  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Arkusz danych(HTML) 26 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 22Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 23Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 24Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 25Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 26Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 27Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 28Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 29Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
2
6
26
Table 8-9.
SDIO Interface Pin Mapping
Pin #
SPI function
9
CFG: Must be tied to ground
12
DAT3: Data 3
13
DAT2: Data 2
16
DAT1: Data 1
17
DAT0: Data 0
18
CMD: Command
19
CLK: Clock
When the SDIO card is inserted into an SDIO aware host, the detection of the card will be via the means
described in SDIO specification. During the normal initialization and interrogation of the card by the host, the
card will identify itself as an SDIO device. The host software will obtain the card information in a tuple (linked
list) format and determine if that card’s I/O function(s) are acceptable to activate. If the card is acceptable, it will
be allowed to power up fully and start the I/O function(s) built into it.
The SD memory card communication is based on an advanced 9-pin interface (Clock, Command, four Data,
and three Power lines) designed to operate at maximum operating frequency of 50MHz.
The SDIO Slave interface has the following features:
Meets SDIO card specification version 2.0
Host clock rate variable between 0 and 50MHz
1 bit/4-bit SD bus modes supported
Allows card to interrupt host
Responds to Direct read/write (IO52) and Extended read/write (IO53) transactions
Supports Suspend/Resume operation
The SDIO Slave interface timing is provided in Figure 8-5 and Table 8-10.
Figure 8-5.
SDIO Slave Timing Diagram
SD_CLK
Inputs
Outputs
fpp
tWL
tWH
tHL
tLH
tISU
tIH
tODLY(MAX)
tODLY(MIN)
Table 8-10.
SDIO Slave Timing Parameters
Parameter
Symbol
Min.
Max.
Units
Clock Input Frequency
fPP
0
50
MHz
Clock Low Pulse Width
tWL
10
ns


Podobny numer części - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Podobny opis - ATWILC1000B-MUT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com