Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWINC1500B-MU Arkusz danych(PDF) 18 Page - ATMEL Corporation

Numer części ATWINC1500B-MU
Szczegółowy opis  IEEE 802.11 b/g/n Network Controller SoC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWINC1500B-MU Arkusz danych(HTML) 18 Page - ATMEL Corporation

Back Button ATWINC1500B-MU Datasheet HTML 14Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 15Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 16Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 17Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 18Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 19Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 20Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 21Page - ATMEL Corporation ATWINC1500B-MU Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Atmel ATWINC1500B-MU [DATASHEET]
Atmel-42487B-ATWINC1500B-MU_Datasheet_03/2016
1
8
18
Figure 8-1.
I2C Slave Timing Diagram
tHL
SDA
SCL
tHDSTA
tWL
tWH
tSUDAT
tPR
tHDDAT
tPR
tPR
tLH
tHL
tLH
tSUSTO
tBUF
tSUSTA
fSCL
Table 8-2.
I2C Slave Timing Parameters
Parameter
Symbol
Min.
Max.
Units
Remarks
SCL Clock Frequency
fSCL
0
400
kHz
SCL Low Pulse Width
tWL
1.3
µs
SCL High Pulse Width
tWH
0.6
SCL, SDA Fall Time
tHL
300
ns
SCL, SDA Rise Time
tLH
300
This is dictated by external
components
START Setup Time
tSUSTA
0.6
µs
START Hold Time
tHDSTA
0.6
SDA Setup Time
tSUDAT
100
ns
SDA Hold Time
tHDDAT
0
Slave and Master Default
40
Master Programming Op-
tion
STOP Setup time
tSUSTO
0.6
µs
Bus Free Time Between
STOP and START
tBUF
1.3
Glitch Pulse Reject
tPR
0
50
ns


Podobny numer części - ATWINC1500B-MU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
More results

Podobny opis - ATWINC1500B-MU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
logo
Murata Manufacturing Co...
SN820X MURATA-SN820X Datasheet
155Kb / 2P
   Wi-Fi 802.11 b/g/n Network Controller Module
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com