Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATWINC3400 Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części ATWINC3400
Szczegółowy opis  Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWINC3400 Arkusz danych(HTML) 1 Page - ATMEL Corporation

  ATWINC3400 Datasheet HTML 1Page - ATMEL Corporation ATWINC3400 Datasheet HTML 2Page - ATMEL Corporation ATWINC3400 Datasheet HTML 3Page - ATMEL Corporation ATWINC3400 Datasheet HTML 4Page - ATMEL Corporation ATWINC3400 Datasheet HTML 5Page - ATMEL Corporation ATWINC3400 Datasheet HTML 6Page - ATMEL Corporation ATWINC3400 Datasheet HTML 7Page - ATMEL Corporation ATWINC3400 Datasheet HTML 8Page - ATMEL Corporation ATWINC3400 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ATWINC3400
Single Chip IEEE 802.11 b/g/n Network Controller with
Integrated Bluetooth 4.0
PRELIMINARY DATASHEET
Description
The Atmel® ATWINC3400 is a single chip IEEE® 802.11 b/g/n
RF/Baseband/MAC network controller and Bluetooth® Low Energy (BLE) 4.0
optimized for low-power mobile applications. The ATWINC3400 supports single
stream 1x1 802.11n mode providing up to 72Mbps PHY rate. The ATWINC3400
features fully integrated Power Amplifier, LNA, Switch, and Power Management.
ATWINC3400 also features an on-chip microcontroller and integrated Flash
memory for system software. Implemented in 65nm CMOS technology, the
ATWINC3400 offers very low power consumption while simultaneously providing
high performance and minimal bill of materials.
The ATWINC3400 utilizes highly optimized 802.11-BLE coexistence protocols.
The ATWINC3400 provides multiple peripheral interfaces including UART, SPI,
I2C, and SDIO. The only external clock sources needed for the ATWINC3400 is a
high-speed crystal or oscillator with a wide range of reference clock frequencies
supported (14-40MHz) and a 32.768kHz clock for sleep operation. The
ATWINC3400 is available in QFN packaging.
Features
IEEE 802.11
IEEE 802.11 b/g/n 20MHz (1x1) solution
Single spatial stream in 2.4GHz ISM band
Integrated PA and T/R Switch
Superior Sensitivity and Range via advanced PHY signal processing
Advanced Equalization and Channel Estimation
Advanced Carrier and Timing Synchronization
Wi-Fi Direct and Soft-AP support
Supports IEEE 802.11 WEP, WPA, and WPA2 Security
Supports China WAPI security
Superior MAC throughput via hardware accelerated two-level A-MSDU/A-
MPDU frame aggregation and block acknowledgement
On-chip memory management engine to reduce host load
SPI, SDIO, I2C, and UART host interfaces
Operating temperature range of -40°C to +85°C
Fast boot options:
On-Chip Boot ROM (firmware instant boot)
SPI flash boot (firmware patches and state variables)
Low-leakage on-chip memory for state variables
Atmel-42396C-SmartConnect-ATWINC3400_Preliminary-Datasheet_07/2015


Podobny numer części - ATWINC3400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
ATWINC3400 MICROCHIP-ATWINC3400 Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
923Kb / 2P
   Wireless Network Controller
2015
ATWINC3400-MR210CA MICROCHIP-ATWINC3400-MR210CA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210CAXXX MICROCHIP-ATWINC3400-MR210CAXXX Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
ATWINC3400-MR210UA MICROCHIP-ATWINC3400-MR210UA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
More results

Podobny opis - ATWINC3400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
logo
Microchip Technology
ATWINC3400A-MU MICROCHIP-ATWINC3400A-MU Datasheet
1Mb / 45P
   ATWINC3400A-MU IEEE® 802.11 b/g/n Network Controller with Integrated Bluetooth® SoC
2020
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com