Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC-4689W Arkusz danych(PDF) 5 Page - Lite-On Technology Corporation

Numer części LTC-4689W
Szczegółowy opis  LED Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4689W Arkusz danych(HTML) 5 Page - Lite-On Technology Corporation

  LTC-4689W Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 6Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 7Page - Lite-On Technology Corporation LTC-4689W Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4689W
PAGE:
3
of
6
BNS-OD-C131/A4
PIN CONNECTION
No.
CONNECTION
1
COMMON ANODE DIGIT 1
2
COMMON ANODE DIGIT 2
3
CATHODE D
4
ANODE D1, D2
5
CATHODE E
6
COMMON ANODE DIGIT 3
7
NO CONNECTION
8
COMMON ANODE DIGIT 4
9
NO CONNECTION
10
NO CONNECTION
11
CATHODE F
12
CATHODE D1, D2
13
CATHODE C
14
CATHODE A
15
CATHODE G
16
CATHODE B


Podobny numer części - LTC-4689W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTC-4624E LITEON-LTC-4624E Datasheet
362Kb / 6P
   Property of Lite-On Only
LTC-4624JF LITEON-LTC-4624JF Datasheet
368Kb / 6P
   LED Display
LTC-4624JR LITEON-LTC-4624JR Datasheet
144Kb / 5P
   0.4 inch (10.0mm) DIGIT HEIGHT
LTC-4624JS LITEON-LTC-4624JS Datasheet
369Kb / 7P
   LED Display
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
More results

Podobny opis - LTC-4689W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com