Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTL-7100M-HB Arkusz danych(PDF) 9 Page - Lite-On Technology Corporation

Numer części LTL-7100M-HB
Szczegółowy opis  LED Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-7100M-HB Arkusz danych(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTL-7100M-HB Datasheet HTML 5Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 6Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 7Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 8Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 9Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 10Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 11Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 12Page - Lite-On Technology Corporation LTL-7100M-HB Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.:LTL-7100M-HB
PAGE:
8 of 12
BNS-OD-C131/A4
BIN CODE(unit: cd)
BIN Grade
N1
N2
P1
P2
Q1
Q2
R1
R2
S1
S2
Range
8601
~
10900
10901
~
13700
13701
~
17300
17301
~
21820
21821
~
27520
27521
~
34700
34701
~
43750
43751
~
55170
55171
~
69560
69561
~
87710
HUE TABLE (unit:nm)
Hue grade
4
5
6
7
8
Range(nm)
If=20mA
566.1
568.1
570.1
572.1
574.1
568
570
572
574.0
576.0
Tolerance for each Dominate Wavelength is +/- 1 nm
Note:1.Luminous intensity is measured with a light sensor and filter combination that approximates
the CIE (Commision Internationale De L’Eclairage) eye-response curve.
2. Reverse voltage is only for IR test. It can not continue to operate at this situation.
3. Must choose same BIN or close two BIN devices while you assemble 2 or above 2 pcs ND
devices for one set application.


Podobny numer części - LTL-7100M-HB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL-709E LITEON-LTL-709E Datasheet
402Kb / 5P
   Through Hole Lamp
LTL-709L LITEON-LTL-709L Datasheet
420Kb / 5P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
More results

Podobny opis - LTL-7100M-HB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com