Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37B80X Arkusz danych(PDF) 1 Page - SMSC Corporation

Numer części FDC37B80X
Szczegółowy opis  PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B80X Arkusz danych(HTML) 1 Page - SMSC Corporation

  FDC37B80X Datasheet HTML 1Page - SMSC Corporation FDC37B80X Datasheet HTML 2Page - SMSC Corporation FDC37B80X Datasheet HTML 3Page - SMSC Corporation FDC37B80X Datasheet HTML 4Page - SMSC Corporation FDC37B80X Datasheet HTML 5Page - SMSC Corporation FDC37B80X Datasheet HTML 6Page - SMSC Corporation FDC37B80X Datasheet HTML 7Page - SMSC Corporation FDC37B80X Datasheet HTML 8Page - SMSC Corporation FDC37B80X Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 194 page
background image
FDC37B80x
ADVANCE INFORMATION
PC98/99 Compliant Enhanced Super I/O
Controller with Keyboard/Mouse Wake-Up
FEATURES
5 Volt Operation
PC98, PC99 Compliant
ISA Plug-and-Play Compatible Register Set
Intelligent Auto Power Management
-
Shadowed Write-Only Registers
-
Programmable Wake-up Event
Interface
System Management Interrupt, Watchdog
Timer
2.88MB Super I/O Floppy Disk Controller
-
Licensed CMOS 765B Floppy Disk
Controller
-
Software and Register Compatible
with SMSC's Proprietary 82077AA
Compatible Core
-
Supports One Floppy Drive
-
Configurable Open Drain/Push-Pull
Output Drivers
-
Supports Vertical Recording Format
-
16-Byte Data FIFO
-
100% IBM® Compatibility
-
Detects All Overrun and Underrun
Conditions
-
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power
Consumption
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
-
480 Address, Up to 15 IRQ and
Three DMA Options
Floppy Disk Available on Parallel Port Pins
Enhanced Digital Data Separator
-
2 Mbps, 1 Mbps, 500 Kbps, 300
Kbps, 250 Kbps Data Rates
-
Programmable Precompensation
Modes
Keyboard Controller
-
8042 Software Compatible
-
8 Bit Microcomputer
-
2k Bytes of Program ROM
-
256 Bytes of Data RAM
-
Four Open Drain Outputs Dedicated
for Keyboard/Mouse Interface
-
Asynchronous Access to Two Data
Registers and One Status Register
-
Supports Interrupt and Polling Access
-
8 Bit Counter Timer
-
Port 92 Support
-
Fast Gate A20 and KRESET Outputs
-
8042 P12, P16 and P17 Outputs
Serial Ports
-
Two Full Function Serial Ports
-
High Speed NS16C550A Compatible
UARTs with Send/Receive 16-Byte
FIFOs
-
Supports 230k and 460k Baud
Programmable Baud Rate Generator
Modem Control Circuitry
-
480 Address and 15 IRQ Options
-
IrDA 1.0, HP-SIR, ASK IR Support


Podobny numer części - FDC37B80X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Podobny opis - FDC37B80X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
National Semiconductor ...
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
   PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
   ACPI 1.0 and PC98/99 Compliant SuperI/O
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com