Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTL42NKRKNNH189 Arkusz danych(PDF) 2 Page - Lite-On Technology Corporation

Numer części LTL42NKRKNNH189
Szczegółowy opis  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL42NKRKNNH189 Arkusz danych(HTML) 2 Page - Lite-On Technology Corporation

  LTL42NKRKNNH189 Datasheet HTML 1Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 2Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 3Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 4Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 5Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 6Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 7Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 8Page - Lite-On Technology Corporation LTL42NKRKNNH189 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Lead (Pb) free product – RoHS compliant.
* Designed for ease in circuit board assembly.
* Black case enhance contrast ratio.
* Solid state light source.
* Reliable and rugged.
Package Dimensions
Part No.
Lens
Source Color
LTL42NKRKNNH189
Water Clear
AlInGaP Super Red
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. The Holder(Housing) is 46L189, Nylon 66 black.
4. The LED lamp is LTL42NKRKNN.
5. Specifications are subject to change without notice.
Part No. : LTL42NKRKNNH189
Page :
1
of
10
BNS-OD-C131/A4


Podobny numer części - LTL42NKRKNNH189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL42NKRKNN LITEON-LTL42NKRKNN Datasheet
531Kb / 10P
   Through Hole Lamp
More results

Podobny opis - LTL42NKRKNNH189

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com