Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTL-307G-042A Arkusz danych(PDF) 4 Page - Lite-On Technology Corporation

Numer części LTL-307G-042A
Szczegółowy opis  Through Hole Lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITEON [Lite-On Technology Corporation]
Strona internetowa  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-307G-042A Arkusz danych(HTML) 4 Page - Lite-On Technology Corporation

  LTL-307G-042A Datasheet HTML 1Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 2Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 3Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 4Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 5Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 6Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 7Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 8Page - Lite-On Technology Corporation LTL-307G-042A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3/10
Part No. : LTL-307G-042A
BNS-OD-FC002/A4
Through Hole Lamp
LTL-307G-042A
3. Absolute Maximum Ratings at TA=25°C
Parameter
Maximum Rating
Unit
Power Dissipation
52
mW
Peak Forward Current
(Duty Cycle ≦1/10, Pulse Width≦10ms)
60
mA
DC Forward Current
20
mA
Derating Linear From 30°C
0.27
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-40°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
8.7
30
100
mcd
IF = 10mA
Note 1,5
Viewing Angle
1/2
50
deg
IF = 10mA
Note 2 (Fig.6)
Peak Emission Wavelength
λP
565
nm
IF = 10mA
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
566
569
573
nm
IF = 10mA
Note 4
Spectral Line Half-Width
Δλ
30
nm
IF = 10mA
Forward Voltage
VF
1.6
2.1
2.6
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V, Note 6
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
5. Iv guarantee must be included with ±15% testing tolerance.
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.


Podobny numer części - LTL-307G-042A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL-307G-041A LITEON-LTL-307G-041A Datasheet
256Kb / 5P
   Property of Lite-On Only
More results

Podobny opis - LTL-307G-042A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com