Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46108 Arkusz danych(PDF) 60 Page - Dialog Semiconductor

Numer części SLG46108
Szczegółowy opis  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 Arkusz danych(HTML) 60 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 56Page - Dialog Semiconductor SLG46108 Datasheet HTML 57Page - Dialog Semiconductor SLG46108 Datasheet HTML 58Page - Dialog Semiconductor SLG46108 Datasheet HTML 59Page - Dialog Semiconductor SLG46108 Datasheet HTML 60Page - Dialog Semiconductor SLG46108 Datasheet HTML 61Page - Dialog Semiconductor SLG46108 Datasheet HTML 62Page - Dialog Semiconductor SLG46108 Datasheet HTML 63Page - Dialog Semiconductor SLG46108 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
000-0046108-108
Page 59 of 69
SLG46108
reg <268>
LUT3_4 or Pipe delay select
0: LUT3_4
1: Pipe delay
LUT4
reg <284:269>
LUT4_0 data or:
reg <269>
Counter/delay2 mode selection
0: Delay Mode
1: Counter Mode
reg <272:270>
Counter/delay2 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
reg <280:273>
Counter/delay2 Control Data
1 – 256 (delay time = (counter control data +1) /freq)
reg <282:281>
Delay2 Mode Select or asynchronous counter reset
00: on both falling and rising edges (for delay &
counter reset)
01: on falling edge only (for delay & counter reset)
10: on rising edge only (for delay & counter reset)
11: no delay on either falling or rising edges / high
level reset for counter mode
reg <283>
Counter2/FSM2’s Q are set to Data or Reset to 0s se-
lection
0: reset to 0
1: set to data
reg <285>
LUT4_0 or counter_2 select
0: LUT4_0
1: Counter2
OSC
reg <286>
Force oscillator on
0: Auto Power on
1: Force Power on
reg <287>
Oscillator frequency control
0: 25 k
1: 2 M
reg <289:288>
Osc clock pre-divider
00: div1
01: div2
10: div4
11: div8
reg <292:290>
internal oscillator divider frequency control 1
000: OSC/1
001: OSC/2
010: OSC/3
011: OSC/4
100: OSC/8
101: OSC/12
110: OSC/24
111: OSC/64
reg <295:293>
internal oscillator divider frequency control 2
000: OSC/1
001: OSC/2
010: OSC/3
011: OSC/4
100: OSC/8
101: OSC/12
110: OSC/24
111: OSC/64
reg <296>
External Clock Source Select
0: Internal Oscillator
1: External Clock from Pin8
reg <297>
Reserved
Register Bit
Address
Signal Function
Register Bit Definition


Podobny numer części - SLG46108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

Podobny opis - SLG46108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com