Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3C2449-100CM Arkusz danych(PDF) 2 Page - Pasternack Enterprises, Inc.

Numer części PE3C2449-100CM
Szczegółowy opis  SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2449-100CM Arkusz danych(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C2449-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.74
0.86
1.06
1.34
1.7
dB
Insertion Loss (Typ.)
0.64
0.74
0.93
1.15
1.47
dB
.
Mechanical Specifications
Cable Assembly
Length
39.37 in [100 cm]
Diameter
0.625 in [15.88 mm]
.
Weight
0.308 lbs [139.71 g]
Cable
Cable Type
PE-P142LL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Aluminum Polyester
Shield Layer 3
Silver Plated Copper Wire
Jacket Material
FEP, Green
Jacket Diameter
0.195 in [4.95 mm]
.
One Time Minimum Bend Radius
1 in [25.4 mm]
PE3C2449-100CM REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax,
RoHS PE3C2449-100CM
RF Cable Assemblies Technical Data Sheet
PE3C2449-100CM
SMA Male to TNC Female Bulkhead Low Loss Cable
100 cm Length Using PE-P142LL Coax, RoHS


Podobny numer części - PE3C2449-100CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C2449-12 PASTERNACK-PE3C2449-12 Datasheet
417Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Podobny opis - PE3C2449-100CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C3205-100CM PASTERNACK-PE3C3205-100CM Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2180-100CM PASTERNACK-PE3C2180-100CM Datasheet
419Kb / 5P
   TNC Female Bulkhead to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-200CM PASTERNACK-PE3C2449-200CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-50CM PASTERNACK-PE3C2449-50CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE348-100CM PASTERNACK-PE348-100CM Datasheet
366Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 100 CM Length Using PE-P142LL Coax, RoHS
PE3C0847-100CM PASTERNACK-PE3C0847-100CM Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1110-100CM PASTERNACK-PE3C1110-100CM Datasheet
485Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2276-100CM PASTERNACK-PE3C2276-100CM Datasheet
418Kb / 5P
   N Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com