Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46127 Arkusz danych(PDF) 73 Page - Dialog Semiconductor

Numer części SLG46127
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Arkusz danych(HTML) 73 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 69Page - Dialog Semiconductor SLG46127 Datasheet HTML 70Page - Dialog Semiconductor SLG46127 Datasheet HTML 71Page - Dialog Semiconductor SLG46127 Datasheet HTML 72Page - Dialog Semiconductor SLG46127 Datasheet HTML 73Page - Dialog Semiconductor SLG46127 Datasheet HTML 74Page - Dialog Semiconductor SLG46127 Datasheet HTML 75Page - Dialog Semiconductor SLG46127 Datasheet HTML 76Page - Dialog Semiconductor SLG46127 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
000-0046127-101
Page 72 of 87
SLG46127
reg <194:190> Matrix Out: Power down for OSC
reg <199:195>
Pin15 Digital Output Source and Power Switch ON0
Source
reg <204:200>
Pin16 Digital Output Source and Power Switch ON1
Source
reg <209:205>
Matrix Out: PIN10 Digital Output Source
reg <214:210>
Matrix Out: Output Enable of PIN10
reg <219:215>
Matrix Out: PIN11 Digital Output Source
reg <223:220>
Reserved
Reserved
DFF0/Latch
reg <227:224>
reg <224> DFF0 or Latch select
0: DFF function
1: Latch function
reg <225> DFF0 output select
0: Q output
1: nQ output
reg <226> DFF0 initial polarity select
0: Low
1: High
reg <227> Unused if DFF/Latch selected
Unused
DFF1/Latch
reg <231:228>
reg <228> DFF1 or Latch select
0: DFF function
1:Latch function
reg <229> DFF1 output select
0: Q output
1: nQ output
reg <230> DFF1 initial polarity select
0: Low
1:High
reg <231> Unused if DFF/Latch selected
Unused
LUT2_2 data
reg <235:232>
LUT2_2 data
LUT2_2 data
LUT2_1 data
reg <239:236>
LUT2_1 data
LUT2_1 data
LUT2_0/DFF0
reg <240>
LUT2_0 or DFF0 select
0: LUT2_0
1: DFF0
LUT2_1/DFF1
reg <241>
LUT2_1 or DFF1 select
0: LUT2_1
1: DFF1
LUT3_0 or DFF2/Latch
reg <249:242>
reg <242> DFF2 or Latch select
0: DFF function
1: Latch function
reg <243> DFF2 output select
0: Q output
1: nQ output
reg <244> DFF2 nRST/nSET select
0: nRST from matrix output
1: nSET from matrix output
reg <245> DFF2 initial polarity select
0: Low
1: High
reg <249:246> Unused if DFF/Latch selected
Unused
Register Bit
Address
Signal Function
Register Bit Definition


Podobny numer części - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Podobny opis - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com