Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46127 Arkusz danych(PDF) 3 Page - Dialog Semiconductor

Numer części SLG46127
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Arkusz danych(HTML) 3 Page - Dialog Semiconductor

  SLG46127 Datasheet HTML 1Page - Dialog Semiconductor SLG46127 Datasheet HTML 2Page - Dialog Semiconductor SLG46127 Datasheet HTML 3Page - Dialog Semiconductor SLG46127 Datasheet HTML 4Page - Dialog Semiconductor SLG46127 Datasheet HTML 5Page - Dialog Semiconductor SLG46127 Datasheet HTML 6Page - Dialog Semiconductor SLG46127 Datasheet HTML 7Page - Dialog Semiconductor SLG46127 Datasheet HTML 8Page - Dialog Semiconductor SLG46127 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
000-0046127-101
Page 2 of 87
SLG46127
2.0 Pin Description
2.1 Functional Pin Description
Pin #
Pin Name
Function
Programming Function
1
GPIO
General Purpose I/O or Analog Comparator 0 (-)
N/A
2
GPIO
General Purpose I/O or Analog Comparator 1 (+) with OE
N/A
3
GND
Ground
Ground
4
VIN0
P-FET Power Switch Input
N/A
5
VOUT0
P-FET Power Switch Output
N/A
6
NC
No Connect
N/A
7
AGND
P-FET Power Switch Ground
Power Switch Ground
8
VOUT1
P-FET Power Switch Output
N/A
9
VIN1
P-FET Power Switch Input
N/A
10
GPIO
General Purpose I/O with OE and Vref output
Programming SRDWB Pin
11
GPIO
General Purpose I/O or External Clock Input
Programming SCL Pin
12
VDD
Power Supply
Power Supply
13
GPI
General Purpose Input
VPP (Programming Voltage)
14
GPIO
General Purpose I/O or Analog Comparator 0 (+)
Programming ID Pin
15
PWR_SW_ON0
P-FET Power Switch On
Programming Mode Control
16
PWR_SW_ON1
P-FET Power Switch On
Programming SDIO Pin


Podobny numer części - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Podobny opis - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com