Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46127 Arkusz danych(PDF) 30 Page - Dialog Semiconductor

Numer części SLG46127
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Arkusz danych(HTML) 30 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 26Page - Dialog Semiconductor SLG46127 Datasheet HTML 27Page - Dialog Semiconductor SLG46127 Datasheet HTML 28Page - Dialog Semiconductor SLG46127 Datasheet HTML 29Page - Dialog Semiconductor SLG46127 Datasheet HTML 30Page - Dialog Semiconductor SLG46127 Datasheet HTML 31Page - Dialog Semiconductor SLG46127 Datasheet HTML 32Page - Dialog Semiconductor SLG46127 Datasheet HTML 33Page - Dialog Semiconductor SLG46127 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
000-0046127-101
Page 29 of 87
SLG46127
10.0 Combination Function Macro Cells
The SLG46127 has six combination function macrocells that can serve more than one logic or timing function. In each case, they
can serve as a Look Up Table (LUT), or as another logic or timing function. See the list below for the functions that can be
implemented in these macrocells;
Two macrocells that can serve as either 2-bit LUTs or as D Flip-Flops.
Two macrocells that can serve as either 3-bit LUTs or as D Flip-Flops.
One macrocell that can serve as either 3-bit LUT or as Pipe Delay
One macrocells that can serve as either 4-bit LUTs or as 8-Bit Counter / Delays
Inputs/Outputs for the six combination function macrocells are configured from the connection matrix with specific logic functions
being defined by the state of NVM bits.
When used as a LUT to implement combinatorial logic functions, the outputs of the LUTs can be configured to any user defined
function, including the following standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR).
When used as a D Flip-Flop / Latch, the source and destination of the inputs and outputs for the DFF/Latches are configured from
the connection matrix. All DFF/Latch macrocells have user selection for initial state, and all have the option to connect both the
Q and Q Bar outputs to the connection matrix. The macrocells DFF2, DFF3 have an additional input from the matrix that can
serve as a nSET or nRST function to the macrocell.
The operation of the D Flip-Flop and Latch will follow the functional descriptions below:
DFF: CLK is rising edge triggered, then Q = D; otherwise Q will not change
Latch: if CLK = 0, then Q = D
10.1 2-Bit LUT or D Flip-Flop Macrocells
There are two macrocells that can serve as either 2-bit LUTs or as D Flip-Flops. When used to implement LUT functions, the 2-bit
LUTs each take in two input signals from the connection matrix and produce a single output, which goes back into the connection
matrix. When used to implement D Flip-Flop function, the two input signals from the connection matrix go to the data (D) and
clock (CLK) inputs for the Flip-Flop, with the output going back to the connection matrix.
Figure 10. 2-bit LUT0 or DFF0
DFF0
CLK
D
2-bit LUT0 OUT
IN0
IN1
To Connection Matrix
Input <5>
4-bits NVM
From Connection Matrix Output <5>
1-bit NVM
reg <227:224>
reg <240>
From Connection Matrix Output <4>
Q/nQ
reg <225> Output Select (Q or nQ)


Podobny numer części - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Podobny opis - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com