Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46140 Arkusz danych(PDF) 44 Page - Dialog Semiconductor

Numer części SLG46140
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Arkusz danych(HTML) 44 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 40Page - Dialog Semiconductor SLG46140 Datasheet HTML 41Page - Dialog Semiconductor SLG46140 Datasheet HTML 42Page - Dialog Semiconductor SLG46140 Datasheet HTML 43Page - Dialog Semiconductor SLG46140 Datasheet HTML 44Page - Dialog Semiconductor SLG46140 Datasheet HTML 45Page - Dialog Semiconductor SLG46140 Datasheet HTML 46Page - Dialog Semiconductor SLG46140 Datasheet HTML 47Page - Dialog Semiconductor SLG46140 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 170 page
background image
000-0046140-109
Page 43 of 169
SLG46140
7.4.9 PIN 11 Register Settings
7.4.10 PIN 12 Register Settings
Table 28. PIN 11 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 11 Input Mode
Control
reg <822:820>
000: Digital in without Schmitt Trigger
001: Digital in with Schmitt Trigger
010: Low Voltage Digital In
011: Analog IO
100: Push-Pull Mode
101: NMOS Open-Drain
110: PMOS Open-Drain
111: Analog IO and NMOS Open-Drain Mode
PIN 11 Pull
Up/Down Resistor
Value Selection
reg <824:823>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 11 Pull
Up/Down Resistor
Selection
reg <825>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 11 Output
Driver Current x2
Enable.
reg <826>
0: Disable
1: Enable
Table 29. PIN 12 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 12 Input Mode
Control
reg <828:827>
00: Digital Input without Schmitt trigger
01: Digital Input with Schmitt trigger
10: Low Voltage Digital Input
11: Analog Input
PIN 12 Output Mode
Control
reg <830:829>
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
PIN 12 Pull
Up/Down Resistor
Value Selection
reg <832:831>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 12 Pull
Up/Down Resistor
Selection
reg <833>
0: Pull Down Resistor
1: Pull Up Resistor


Podobny numer części - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Podobny opis - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com