Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46140 Arkusz danych(PDF) 10 Page - Dialog Semiconductor

Numer części SLG46140
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Arkusz danych(HTML) 10 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 6Page - Dialog Semiconductor SLG46140 Datasheet HTML 7Page - Dialog Semiconductor SLG46140 Datasheet HTML 8Page - Dialog Semiconductor SLG46140 Datasheet HTML 9Page - Dialog Semiconductor SLG46140 Datasheet HTML 10Page - Dialog Semiconductor SLG46140 Datasheet HTML 11Page - Dialog Semiconductor SLG46140 Datasheet HTML 12Page - Dialog Semiconductor SLG46140 Datasheet HTML 13Page - Dialog Semiconductor SLG46140 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 170 page
background image
000-0046140-109
Page 9 of 169
SLG46140
5.3 Electrical Characteristics (3.3V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
IQ
Quiescent Current
Static Inputs and Outputs
(when all macrocells that require
internal RC OSC or bandgap are
inactive)
--
0.16
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VACMP
ACMP Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
Logic Input
1.780
--
VDD
V
Logic Input with Schmitt Trigger
2.130
--
VDD
V
Low-Level Logic Input
1.130
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
0
--
1.210
V
Logic Input with Schmitt Trigger
0
--
0.950
V
Low-Level Logic Input
0
--
0.690
V
VHYS
Schmitt Trigger Hysteresis
Voltage
Logic Input with Schmitt Trigger
0.346
0.486
0.625
V
ILKG
(Absolute
Value)
ACMP Input Leakage
Vin = 0 V
--
0.42
2.49
nA
Vin = VDD
--
0.30
1.48
nA
PGA Input Leakage
Vin = 0 V
--
0.05
0.21
nA
Vin = VDD
--
0.13
0.73
nA
Logic Input without Schmitt
Trigger (Floating) Leakage
Vin = 0 V
--
0.05
0.39
nA
Vin = VDD
--
1.47
67.45
nA
Logic Input with Schmitt
Trigger (Floating) Leakage
Vin = 0 V
--
0.05
0.40
nA
Vin = VDD
--
1.47
67.80
nA
Low-Level Logic Input
(Floating) Leakage
Vin = 0 V
--
0.05
0.39
nA
Vin = VDD
--
1.47
67.84
nA
VOH
HIGH-Level Output Voltage
Push-Pull 1X, Open Drain PMOS 1X,
IOH = 3 mA
2.722
3.102
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 3 mA
2.861
3.201
--
V
Push-Pull 4X, Open Drain PMOS 4X,
IOH = 3 mA
2.927
3.248
--
V


Podobny numer części - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Podobny opis - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com