Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE7048-6 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE7048-6
Szczegółowy opis  6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-6 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7048-6_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-6_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-6_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 12.4 GHz Frequency Range
• Attenuation 6±0.3 dB
• Max Power 10 Watts (CW)
• VSWR < 1.35:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 6 dB Fixed Attenuator PE7048-6 is rated to 10 Watts and operates from DC to 12.4
GHz. The versatile coaxial package uses N male to N female connectors and is also REACH and RoHS compliant. The Black
Anodized Aluminum Heatsink body allows for efficient heat dissipation under high power usage conditions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Impedance
50
Ohms
Nominal Attenuation
6
dB
Attenuation Accuracy
±0.3
dB
VSWR
1.35:1
Input Power, CW
10
Watts
derated linearly to 2W at +125°C
Input Power, Peak
500
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to
10 Watts Up to 12.4 GHz
PE7048-6
PE7048-6 REV 1.1
6 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz
RF Fixed Attenuators Technical Data Sheet
PE7048-6


Podobny numer części - PE7048-6_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7048-6 PASTERNACK-PE7048-6 Datasheet
223Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
More results

Podobny opis - PE7048-6_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7015-6 PASTERNACK-PE7015-6_16 Datasheet
238Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-6 PASTERNACK-PE7014-6_16 Datasheet
233Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-6 PASTERNACK-PE7017-6_16 Datasheet
241Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-6 PASTERNACK-PE7010-6_16 Datasheet
241Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7019-6 PASTERNACK-PE7019-6_16 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-6 PASTERNACK-PE7031-6_16 Datasheet
260Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7085-6 PASTERNACK-PE7085-6 Datasheet
243Kb / 4P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-6 PASTERNACK-PE7021-6_16 Datasheet
261Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7017-30 PASTERNACK-PE7017-30_16 Datasheet
241Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com