Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE7049-3 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE7049-3
Szczegółowy opis  3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7049-3 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7049-3_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7049-3_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7049-3_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 4 GHz Frequency Range
• Attenuation 3±0.4 dB
• Max Power 2 Watts (CW)
• VSWR < 1.25:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 3 dB Fixed Attenuator PE7049-3 is rated to 2 Watts and operates from DC to 4 GHz.
The versatile coaxial package uses BNC male to BNC female connectors and is also REACH and RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
Nominal Attenuation
3
dB
Attenuation Accuracy
±0.4
dB
VSWR
1.25:1
Input Power, CW
2
Watts
derated linearly to 0.5W at +125°C
Input Power, Peak
250
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body Rated to 2 Watts Up to
4 GHz
PE7049-3
PE7049-3 REV 1.1
3 dB Fixed Attenuator, BNC Male to BNC Female
Brass Nickel Body Rated to 2 Watts Up to 4 GHz
RF Fixed Attenuators Technical Data Sheet
PE7049-3


Podobny numer części - PE7049-3_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7049-30 PASTERNACK-PE7049-30 Datasheet
215Kb / 3P
   30 dB Fixed Attenuator, BNC Male To BNC Female Brass Nickel Body Rated To 2 Watts Up To 4 GHz
PE7049-30 PASTERNACK-PE7049-30 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-30 PASTERNACK-PE7049-30_16 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results

Podobny opis - PE7049-3_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7000-3 PASTERNACK-PE7000-3_16 Datasheet
264Kb / 5P
   3 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-2 PASTERNACK-PE7000-2_16 Datasheet
264Kb / 5P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-10 PASTERNACK-PE7049-10_16 Datasheet
226Kb / 3P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-1 PASTERNACK-PE7049-1_16 Datasheet
226Kb / 3P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-30 PASTERNACK-PE7049-30_16 Datasheet
226Kb / 3P
   30 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-1 PASTERNACK-PE7000-1_16 Datasheet
263Kb / 5P
   1 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-6 PASTERNACK-PE7049-6_16 Datasheet
226Kb / 3P
   6 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-2 PASTERNACK-PE7049-2_16 Datasheet
226Kb / 3P
   2 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7000-10 PASTERNACK-PE7000-10_16 Datasheet
265Kb / 5P
   10 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
PE7049-20 PASTERNACK-PE7049-20_16 Datasheet
226Kb / 3P
   20 dB Fixed Attenuator, BNC Male to BNC Female Brass Nickel Body
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com