Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APG0603SEC-TT Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części APG0603SEC-TT
Szczegółowy opis  0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APG0603SEC-TT Arkusz danych(HTML) 2 Page - Kingbright Corporation

  APG0603SEC-TT_17 Datasheet HTML 1Page - Kingbright Corporation APG0603SEC-TT_17 Datasheet HTML 2Page - Kingbright Corporation APG0603SEC-TT_17 Datasheet HTML 3Page - Kingbright Corporation APG0603SEC-TT_17 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO3291 / 1203014744 Rev No: V.5A Date: 10/07/2017
Page 2 / 4
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APG0603SEC-TT
ABSOLUTE MAXIMUM RATINGS at TA=25°C
Parameter
Symbol
Unit
Power Dissipation
PD
48
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
20
mA
Peak Forward Current
IFM
[1]
100
mA
Thermal Resistance (Junction / Ambient)
Rth JA
[2]
250
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[2]
125
°C/W
Value
Electrostatic Discharge Threshold (HBM)
-
3000
V
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Rth JA ,Rth JS Results from mounting on PC board FR4 (pad size ≥ 16 mm
2 per pad).
3. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 10mA
λpeak
Super Bright Orange
611
-
nm
Dominant Wavelength IF = 10mA
λdom
[1]
Super Bright Orange
605
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 10mA
Δλ
Super Bright Orange
17
-
nm
Forward Voltage IF = 10mA
VF
[2]
Super Bright Orange
2.01
2.35
V
Reverse Current (VR = 5V)
IR
Super Bright Orange
-
10
uA
Temperature Coefficient of λpeak
IF = 10mA, -10°C ≤ T ≤ 85°C
TCλpeak
Super Bright Orange
0.13
-
nm/°C
Temperature Coefficient of λdom
IF = 10mA, -10°C ≤ T ≤ 85°C
TCλdom
Super Bright Orange
0.06
-
nm/°C
Temperature Coefficient of VF
IF = 10mA, -10°C ≤ T ≤ 85°C
TCV
Super Bright Orange
-1.9
-
mV/°C
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.


Podobny numer części - APG0603SEC-TT_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
APG0603SEC-TT KINGBRIGHT-APG0603SEC-TT Datasheet
248Kb / 5P
   Low power consumption
logo
HK TO-GRACE TECHNOLOGY ...
APG0603SEC-TT TO-GRACE-APG0603SEC-TT Datasheet
827Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results

Podobny opis - APG0603SEC-TT_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPG-0603CGC-TT TO-GRACE-KPG-0603CGC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SYC-TT TO-GRACE-KPG-0603SYC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603CGC-TT TO-GRACE-APG0603CGC-TT Datasheet
826Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-TT TO-GRACE-APG0603SEC-TT Datasheet
827Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-E-TT TO-GRACE-APG0603SEC-E-TT Datasheet
832Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SURC-TT TO-GRACE-KPG-0603SURC-TT Datasheet
881Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SEC-E-TT TO-GRACE-KPG-0603SEC-E-TT Datasheet
876Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT_17 Datasheet
308Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603VGC-TT-5MAV KINGBRIGHT-APG0603VGC-TT-5MAV_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com