Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46169 Arkusz danych(PDF) 85 Page - Dialog Semiconductor

Numer części SLG46169
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Arkusz danych(HTML) 85 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 81Page - Dialog Semiconductor SLG46169 Datasheet HTML 82Page - Dialog Semiconductor SLG46169 Datasheet HTML 83Page - Dialog Semiconductor SLG46169 Datasheet HTML 84Page - Dialog Semiconductor SLG46169 Datasheet HTML 85Page - Dialog Semiconductor SLG46169 Datasheet HTML 86Page - Dialog Semiconductor SLG46169 Datasheet HTML 87Page - Dialog Semiconductor SLG46169 Datasheet HTML 88Page - Dialog Semiconductor SLG46169 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
000-0046169-105
Page 84 of 101
SLG46169
reg<461:456>
Reserved
reg<467:462>
Reserved
reg<473:468>
Reserved
reg<479:474>
Reserved
reg<485:480>
Reserved
reg<491:486>
Reserved
reg<497:492>
Matrix Out
Pin10 Digital Output Source
reg<503:498>
Matrix Out
Pin10 Output Enable
reg<509:504>
Matrix Out
Pin11 Digital Output Source
reg<515:510>
Matrix Out
Pin12 Digital Output Source
reg<521:516>
Matrix Out
Pin12 Output Enable
reg<527:522>
Matrix Out
Pin13 Digital Output Source
reg<533:528>
Matrix Out
Pin13 Output Enable
reg<539:534>
Matrix Out
Pin14 Digital Output Source
reg<545:540>
Matrix Out
Input of INV_0
reg<551:546>
Matrix Out
Input of INV_1
reg<556:552>
Reserved
reg<558:557>
Reserved
reg<560:559>
Reserved
reg<561>
Reserved
reg<562>
Reserved
reg<563>
Reserved
reg<564>
VDD bypass enable
0: Regulator auto on
1: Regulator off (VDD bypass)
reg<566:565>
OSC clock pre-divider
00: Div1
01: Div2
10: Div4
11: Div8
reg<568:567>
Reserved
Reserved
reg<569>
Analog buffer at ACMP0 enable
0: Disable analog buffer
1: Enable analog buffer
reg<570>
Analog buffer at ACMP1 enable
0: Disable analog buffer
1: Enable analog buffer
Register Bit
Address
Signal Function
Register Bit Definition


Podobny numer części - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Podobny opis - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com