Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46169 Arkusz danych(PDF) 14 Page - Dialog Semiconductor

Numer części SLG46169
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Arkusz danych(HTML) 14 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 10Page - Dialog Semiconductor SLG46169 Datasheet HTML 11Page - Dialog Semiconductor SLG46169 Datasheet HTML 12Page - Dialog Semiconductor SLG46169 Datasheet HTML 13Page - Dialog Semiconductor SLG46169 Datasheet HTML 14Page - Dialog Semiconductor SLG46169 Datasheet HTML 15Page - Dialog Semiconductor SLG46169 Datasheet HTML 16Page - Dialog Semiconductor SLG46169 Datasheet HTML 17Page - Dialog Semiconductor SLG46169 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
000-0046169-105
Page 13 of 101
SLG46169
5.9 Typical Pulse Width Performance
5.10 OSC Specifications
time2
Delay, 3 cell
mode: both edge delay, delayed edge detect
output
1600
680
480
ns
time2
Delay, 4 cell
mode: both edge delay, delayed edge detect
output
1900
815
600
ns
Table 5. Typical Pulse Width Performance
Parameter
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
Filtered Pulse Width for Filter 0 and Filter 1
< 150
< 55
< 35
ns
Table 6. 25 kHz RC OSC frequency limits
Power Supply Range
(VDD) V
Temperature Range
+25 °C
-40 °C ... +85 °C
Minimum
Value, kHz
Maximum
Value, kHz
Minimum
Value, kHz
Maximum
Value, kHz
1.8 V ±5%
24.044
25.969
19.924
29.122
3.3 V ±10%
24.395
25.609
20.383
28.363
5 V ±10%
24.297
25.702
20.371
28.337
2.5 V ... 4.5 V
24.163
25.873
20.288
28.397
1.71 V… 5.5 V
23.506
28.006
19.381
29.378
Table 7. 25 kHz RC OSC frequency error (error calculated relative to nominal value)
Power Supply Range
(VDD) V
Temperature Range
+25 °C
-40 °C ... +85 °C
Error (% at
Minimum)
Error (% at
Maximum)
Error (% at
Minimum)
Error (% at
Maximum)
1.8 V ±5%
-3.82%
3.88%
-20.30%
16.49%
3.3 V ±10%
-2.42%
2.44%
-18.47%
13.45%
5 V ±10%
-2.81%
2.81%
-18.52%
13.35%
2.5 V ... 4.5 V
-3.35%
3.49%
-18.85%
13.58%
1.71 V… 5.5 V
-5.98%
12.02%
-22.48%
17.51%
Table 4. Expected Delays and Widths for Programmable Delay (typical)
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit


Podobny numer części - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Podobny opis - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com