Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46169 Arkusz danych(PDF) 16 Page - Dialog Semiconductor

Numer części SLG46169
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Arkusz danych(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 12Page - Dialog Semiconductor SLG46169 Datasheet HTML 13Page - Dialog Semiconductor SLG46169 Datasheet HTML 14Page - Dialog Semiconductor SLG46169 Datasheet HTML 15Page - Dialog Semiconductor SLG46169 Datasheet HTML 16Page - Dialog Semiconductor SLG46169 Datasheet HTML 17Page - Dialog Semiconductor SLG46169 Datasheet HTML 18Page - Dialog Semiconductor SLG46169 Datasheet HTML 19Page - Dialog Semiconductor SLG46169 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
000-0046169-105
Page 15 of 101
SLG46169
5.10.2 OSC Power On delay
Table 10. Oscillators Power On delay at T=(-40..+85) °C, DLY/CNT Counter data = 100; RC OSC power setting: "Auto
Power On"
Power
Supply
Range
(VDD) V
RC OSC 2 MHz
RC OSC 25 kHz
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
1.71
8.80
12.78
19.34
24.22
1.80
8.26
12.07
18.80
24.37
1.89
7.76
11.47
18.28
23.99
2.50
5.76
8.57
15.45
19.91
2.70
5.42
7.86
14.64
18.85
3.00
5.10
7.24
13.58
17.80
3.30
4.90
7.14
12.52
16.96
3.60
4.79
7.22
11.36
16.20
4.20
4.69
7.33
9.58
12.69
4.50
4.66
7.22
8.83
11.51
5.00
4.60
7.12
7.69
9.79
5.50
4.54
7.00
6.75
8.45


Podobny numer części - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Podobny opis - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com