Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46169 Arkusz danych(PDF) 17 Page - Dialog Semiconductor

Numer części SLG46169
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Arkusz danych(HTML) 17 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 13Page - Dialog Semiconductor SLG46169 Datasheet HTML 14Page - Dialog Semiconductor SLG46169 Datasheet HTML 15Page - Dialog Semiconductor SLG46169 Datasheet HTML 16Page - Dialog Semiconductor SLG46169 Datasheet HTML 17Page - Dialog Semiconductor SLG46169 Datasheet HTML 18Page - Dialog Semiconductor SLG46169 Datasheet HTML 19Page - Dialog Semiconductor SLG46169 Datasheet HTML 20Page - Dialog Semiconductor SLG46169 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
000-0046169-105
Page 16 of 101
SLG46169
5.11 ACMP Specifications
Table 11. ACMP Specifications
Symbol
Parameter
Description/Note
Conditions
Min.
Typ.
Max.
Unit
VACMP
ACMP Input Voltage
Range
Positive Input
VDD = 1.8 V ± 5 %
0--
VDD
V
Negative Input
0
--
1.1
V
Positive Input
VDD = 3.3 V ± 10 %
0--
VDD
V
Negative Input
0
--
1.2
V
Positive Input
VDD = 5.0 V ± 10 %
0--
VDD
V
Negative Input
0
--
1.2
V
Voffset
ACMP Input Offset
Voltage
Low Bandwidth -
Enable, Vhys = 0 mV,
Gain = 1,
Vref = 1000 mV,
VDD = (1.71..5.5) V
T = 25°C
-6.2
--
7.5
mV
T = (-40..85)°C
-14.1
--
15.2
mV
Low Bandwidth -
Disable, Vhys = 0 mV,
Gain =1,
Vref = 1000 mV,
VDD = (1.71..5.5) V
T = 25°C
-6.5
--
7.5
mV
T = (-40..85)°C
-8.3
--
10.1
mV
Vboffset
ACMP Buffer Input Offset
Voltage
VDD = (1.71..5.5) V
T = 25°C
-28.2
--
16.3
mV
tstart
ACMP Start Time
Hysteresis: disable;
Low bandwidth:
disable; IN+ Gain:
disable; IN+ source:
PIN4 (Pull Up 10k);
IN- source: 50 mV
T = 25°C
VDD = (1.71..5.5) V
--
47.1
101.5
µS
T = (-40..85)°C
VDD = (1.71..5.5) V
--
47.0
113.3
µS
VHYS
Built-in Hysteresis
VHYS = 25 mV
VIL = Vin - VHYS/2
VIH = Vin + VHYS/2
LB - Enabled,
T = 25°C
0.0
--
33.1
mV
LB - Disabled,
T = 25°C
0.0
--
35.4
mV
VHYS = 50 mV
VIL = Vin - VHYS
VIH = VHYS
LB - Enabled,
T = 25°C
7.1
--
51.7
mV
LB - Disabled,
T = 25°C
9.8
--
60.4
mV
VHYS = 200 mV
VIL = Vin - VHYS
VIH = VHYS
LB - Enabled,
T = 25°C
77.5
--
228.4
mV
LB - Disabled,
T = 25°C
91.2
--
223.5
mV
VHYS = 25 mV
VIL = Vin - VHYS/2
VIH = Vin + VHYS/2
LB - Enabled,
T = (-40…+85)°C
0.0
--
46.7
mV
LB - Disabled,
T = (-40…+85)°C
0.0
--
46.5
mV
VHYS = 50 mV
VIL = Vin - VHYS
VIH = VHYS
LB - Enabled,
T = (-40…+85)°C
0.0
--
160.2
mV
LB - Disabled,
T = (-40…+85)°C
0.0
--
121.5
mV
VHYS = 200 mV
VIL = Vin - VHYS
VIH = VHYS
LB - Enabled,
T = (-40…+85)°C
24.2
--
261.1
mV
LB - Disabled,
T = (-40…+85)°C
25.0
--
325.3
mV


Podobny numer części - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Podobny opis - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com