Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46200 Arkusz danych(PDF) 31 Page - Dialog Semiconductor

Numer części SLG46200
Szczegółowy opis  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Arkusz danych(HTML) 31 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 27Page - Dialog Semiconductor SLG46200 Datasheet HTML 28Page - Dialog Semiconductor SLG46200 Datasheet HTML 29Page - Dialog Semiconductor SLG46200 Datasheet HTML 30Page - Dialog Semiconductor SLG46200 Datasheet HTML 31Page - Dialog Semiconductor SLG46200 Datasheet HTML 32Page - Dialog Semiconductor SLG46200 Datasheet HTML 33Page - Dialog Semiconductor SLG46200 Datasheet HTML 34Page - Dialog Semiconductor SLG46200 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
000-0046200-124
Page 26 of 64
SLG46200
11.10 ADC Register Settings
Figure 14. ADC Output Timing (power on signal comes from register)
Table 11. ADC Register Settings
Signal Name
Signal Function
Register Bit
Address
Register Definition
ADC_mux_en
ADC analog input mux
enable
<339>
0: No change
1: Mux enable
ADC_clk_sel
ADC clock selection
<340>
0: Internal oscillator
1: External clock from PIN 4
ADC_Vref_sel
VREF setting
<342:341>
00: Bandgap (1.796V from internal source)
01: External voltage source
10: Power divider (VDD* 0.547)
ADC_sel
ADC mode select
<350>
0: Single-ended operation using PIN 6
1: Differential mode operation using PIN 6 & PIN 7
Note: For Pseudo-Differential mode, reg <351:350> will be
set to “11”
ADC_gain_control
ADC PGA gain control
<353:351>
000: Single-ended (0.5X gain) or differential (N/A)
001: Single-ended (1X gain) or differential (1x gain)
010: Single-ended (2X gain) or differential (2X gain)
011: Single-ended (4X gain) or differential (4X gain)
100: Single-ended (8X gain) or differential (8X gain)
101: Single-ended (N/A) or differential (16X gain)
ADC_DAC_Vref
ADC reference DAC
feedback select
<362>
0: Normal
1: 0.5x gain (use this setting when VREF is externally
selected)
ADC_gndoff_en
ADC pseudo diff input
enable under ADC diff
mode
<371>
0: N/A
1: Enable
Pin3_dig_out
PIN 3 digital output
source selection
<373:372>
00/01: From connection matrix output <12>
10: Serial data from the S2P
11: Serial data from the ADC
123456789
10
11
12
13
14
15
16
CLK
B7
B0
SER DATA
PAR DATA
16 cycles


Podobny numer części - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Podobny opis - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com