Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46400 Arkusz danych(PDF) 46 Page - Dialog Semiconductor

Numer części SLG46400
Szczegółowy opis  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Arkusz danych(HTML) 46 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 42Page - Dialog Semiconductor SLG46400 Datasheet HTML 43Page - Dialog Semiconductor SLG46400 Datasheet HTML 44Page - Dialog Semiconductor SLG46400 Datasheet HTML 45Page - Dialog Semiconductor SLG46400 Datasheet HTML 46Page - Dialog Semiconductor SLG46400 Datasheet HTML 47Page - Dialog Semiconductor SLG46400 Datasheet HTML 48Page - Dialog Semiconductor SLG46400 Datasheet HTML 49Page - Dialog Semiconductor SLG46400 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
000-0046400-109
Page 40 of 89
SLG46400
13.0 Counters/Delay Generators (CNT/DLY)
There are four configurable counters/delay generators in the SLG46400. Three of these four logic cells can be either a 14-bit
counter (CNT) or a delay generator (DLY) and one can be a 8-bit counter or delay generator independently of how the other three
logic cells are defined.
13.1 Counter Functionality
CNT0, CNT1 and CNT2 each have a 14-bit input data source, while CNT3 has a 8-bit input data source.
CNT2 and CNT3’s inputs can be sourced from the NVM, the ADC, or the S2P, while CNT0 and CNT1’s inputs can be sourced
from the connection matrix. The clock can be sourced from either the internal RC Oscillator (with data divider for CNT1) or from
another connection matrix output.
The counters output their data to either the PWM or to the S2P. The supported counter functions include (FSM only): count UP,
count DOWN, KEEP, and LOAD DATA (taken from ADC, S2P or Counter Data). The four counters can also function as frequency
dividers, FSM (CNT2 and CNT3), or PWM ramp (CNT1), while captured data is outputted to S2P.
In counter mode, it is in DOWN mode. the count UP/DOWN, KEEP, and LOAD signals in CNT2 and CNT3 must be tied to ground
and the RC OSC should be forced ON if the clock is sourced from the internal RC OSC for the counter to work.
For proper counter functionality, the force signals (CNT0_force reg<588>, CNT1_force reg<610>, CNT2_force reg<633>,
CNT3_force reg<655>) should be configured as “1” (Force Power On) for any block configured as counter.
Example:
for CNT3 to use the CNT/DLY block in Counter mode the following settings should be applied:
CNT/DLY3 Output Source Select (output_src_sel) set to Counter Mode (reg <656> = “1”)
CNT3 Enable (CNT3_force) set to Force Power On (reg <655> = “1”)
Reset Source (rst_src_sel) should be set to Edge Detect mode (reg<654> = “1”)
Edge Select can be set to Both, Falling, or Rising (reg <669:668>)
Additionally, make sure that RC Osc is in operating mode. The RC Osc may need to be set to Force On as well.
Since CNT1 and CNT2 can be used for a PWM ramp function, the PWM power down signal will control the force power to those
macro cells.
13.2 CNT2 and CNT3 Reset Source Select
When reg <632> = “1“ (for CNT2) or reg <654> = “1“ (for CNT3), the reset signal for CNT2 or CNT3 is sourced from the falling
and/or rising edge active signal from the connection matrix and only applies when used for counter function. When used in the
counter function and reg <632> / reg <654> = “0“ then the reset signal is sourced from the POR.
However when the counter cells are used for a delay function, reg <632> / reg <654> must be set to 0.


Podobny numer części - SLG46400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Podobny opis - SLG46400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com