Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46400 Arkusz danych(PDF) 36 Page - Dialog Semiconductor

Numer części SLG46400
Szczegółowy opis  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Arkusz danych(HTML) 36 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 32Page - Dialog Semiconductor SLG46400 Datasheet HTML 33Page - Dialog Semiconductor SLG46400 Datasheet HTML 34Page - Dialog Semiconductor SLG46400 Datasheet HTML 35Page - Dialog Semiconductor SLG46400 Datasheet HTML 36Page - Dialog Semiconductor SLG46400 Datasheet HTML 37Page - Dialog Semiconductor SLG46400 Datasheet HTML 38Page - Dialog Semiconductor SLG46400 Datasheet HTML 39Page - Dialog Semiconductor SLG46400 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
000-0046400-109
Page 30 of 89
SLG46400
10.9 ACMP Hysteresis
Both ACMP’s have a hysteresis feature, where either the addition or subtraction of 12, 50, or 150 mV to the IN- signal will change
the ACMP’s output value. The amount of hysteresis is controlled as shown below:
ACMP0_hy_en
, reg<732:731> when set to “01” will turn on the 12mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.006V
Output from “1” becomes “0” when IN+
≤ IN- - 0.006V
ACMP0_hy_en
, reg<732:731> when set to “10” will turn on the 50mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.025V
Output from “1” becomes “0” when IN+
≤ IN- - 0.025V
ACMP0_hy_en
, reg<732:731> when set to “11” will turn on the 150mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.075V
Output from “1” becomes “0” when IN+
≤ IN- - 0.075V
ACMP1_hy_en
, reg<734:733> when set to “01” will turn on the 12mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.006V
Output from “1” becomes “0” when IN+
≤ IN- - 0.006V
ACMP1_hy_en
, reg<734:733> when set to “10” will turn on the 50mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.025V
Output from “1” becomes “0” when IN+
≤ IN- - 0.025V
ACMP1_hy_en
, reg<734:733> when set to “11” will turn on the 150mV hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.075V
Output from “1” becomes “0” when IN+
≤ IN- - 0.075V


Podobny numer części - SLG46400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Podobny opis - SLG46400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com