Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46532 Arkusz danych(PDF) 29 Page - Dialog Semiconductor

Numer części SLG46532
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Arkusz danych(HTML) 29 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 25Page - Dialog Semiconductor SLG46532 Datasheet HTML 26Page - Dialog Semiconductor SLG46532 Datasheet HTML 27Page - Dialog Semiconductor SLG46532 Datasheet HTML 28Page - Dialog Semiconductor SLG46532 Datasheet HTML 29Page - Dialog Semiconductor SLG46532 Datasheet HTML 30Page - Dialog Semiconductor SLG46532 Datasheet HTML 31Page - Dialog Semiconductor SLG46532 Datasheet HTML 32Page - Dialog Semiconductor SLG46532 Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 184 page
background image
SLG46532_DS_108
Page 28 of 183
SLG46532
Table 16. ACMP Power On Delay, minimal required ACMP wake time for the Wake and Sleep function. BG=550 µs.
Regulator auto ON/OFF and Charge Pump always OFF (can be used for VDD>3.0 V)
Power Supply
Range
(VDD) V
Temperature Range
-40 ... +85 °C
+25°C
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
3.00
673.6
1024.8
609.1
861.5
3.30
674.4
1027.5
609.5
862.0
3.60
674.6
1027.2
609.1
862.0
4.20
673.0
1025.3
607.6
859.4
4.50
671.1
1021.3
605.1
855.3
5.00
662.4
1004.7
597.0
841.1
5.50
645.0
970.4
581.4
815.8
Table 17. ACMP Power On Delay, minimal required ACMP wake time for the Wake and Sleep function. BG=100 µs.
Regulator auto ON/OFF and Charge Pump always OFF (can be used for VDD>3.0 V)
Power Supply
Range
(VDD) V
Temperature Range
-40 ... +85 °C
+25°C
Typical
Value, µs
Maximum
Value, µs
Typical
Value, µs
Maximum
Value, µs
3.00
149.2
212.7
131.6
176.0
3.30
149.1
213.3
131.2
175.9
3.60
148.9
212.5
130.8
175.7
4.20
148.6
211.7
130.2
174.7
4.50
148.0
211.1
129.4
173.8
5.00
146.1
208.9
127.7
171.4
5.50
142.8
204.0
124.8
167.1


Podobny numer części - SLG46532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

Podobny opis - SLG46532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com