Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46533 Arkusz danych(PDF) 99 Page - Dialog Semiconductor

Numer części SLG46533
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46533 Arkusz danych(HTML) 99 Page - Dialog Semiconductor

Back Button SLG46533 Datasheet HTML 95Page - Dialog Semiconductor SLG46533 Datasheet HTML 96Page - Dialog Semiconductor SLG46533 Datasheet HTML 97Page - Dialog Semiconductor SLG46533 Datasheet HTML 98Page - Dialog Semiconductor SLG46533 Datasheet HTML 99Page - Dialog Semiconductor SLG46533 Datasheet HTML 100Page - Dialog Semiconductor SLG46533 Datasheet HTML 101Page - Dialog Semiconductor SLG46533 Datasheet HTML 102Page - Dialog Semiconductor SLG46533 Datasheet HTML 103Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 185 page
background image
SLG46533_DS_114
Page 98 of 184
SLG46533
9.9.1 WS Register Settings
Table 91. WS Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/delay0
Clock Source Select
reg<1316:1314> 000: Internal OSC clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: 25MHz OSC clock
110: External Clock
111: Counter6 Overflow
WS time selection
reg<1489>
0: Short Wake Time
1: Normal Wake Time
ACMP0 Wake & Sleep
function Enable
reg<1490>
0: Disable
1: Enable
ACMP1 Wake & Sleep
function Enable
reg<1491>
0: Disable
1: Enable
ACMP2 Wake & Sleep
function Enable
reg<1492>
0: Disable
1: Enable
ACMP3 Wake & Sleep
function Enable
reg<1493>
0: Disable
1: Enable
Wake Sleep Output State
When WS Oscillator
is Power Down if DLY/CNT0
Mode Selection
is "11"
reg<1494>
0: Low
1: High
Wake Sleep Ratio Control
Mode Selection if
DLY/CNT0 Mode Selection
is "11"
reg<1495>
0: Default Mode
1: Wake Sleep Ratio Control Mode
DLY/CNT0
(16bits, <15:0> =
<1591:1576>) Control Data
reg<1591:1576> 1 - 65535


Podobny numer części - SLG46533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46533 RENESAS-SLG46533 Datasheet
2Mb / 190P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
More results

Podobny opis - SLG46533

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com