Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46535 Arkusz danych(PDF) 52 Page - Dialog Semiconductor

Numer części SLG46535
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46535 Arkusz danych(HTML) 52 Page - Dialog Semiconductor

Back Button SLG46535 Datasheet HTML 48Page - Dialog Semiconductor SLG46535 Datasheet HTML 49Page - Dialog Semiconductor SLG46535 Datasheet HTML 50Page - Dialog Semiconductor SLG46535 Datasheet HTML 51Page - Dialog Semiconductor SLG46535 Datasheet HTML 52Page - Dialog Semiconductor SLG46535 Datasheet HTML 53Page - Dialog Semiconductor SLG46535 Datasheet HTML 54Page - Dialog Semiconductor SLG46535 Datasheet HTML 55Page - Dialog Semiconductor SLG46535 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 185 page
background image
SLG46535_DS_106
Page 51 of 184
SLG46535
8.1 Matrix Input Table
Table 26. Matrix Input Table
Matrix Input
Number
Matrix Input Signal Function
Matrix Decode
5
4
3
2
1
0
0
Ground
000
00
0
1
Pin2 Digital Input
0
0
0
0
0
1
2
Reserved
000
01
0
3
Pin3 Digital Input
0
0
0
0
1
1
4
Reserved
000
10
0
5
Pin4 Digital Input
0
0
0
1
0
1
6
Pin5 Digital Input
0
0
0
1
1
0
7
Pin8 Digital Input
0
0
0
1
1
1
8
LUT2_0 / DFF0 Output
0
0
1
0
0
0
9
LUT2_1 / DFF1 Output
0
0
1
0
0
1
10
LUT2_2 / DFF2 Output
0
0
1
0
1
0
11
LUT2_3 / PGEN Output
0
0
1
0
1
1
12
LUT3_0 / DFF3 Output
0
0
1
1
0
0
13
LUT3_1 / DFF4 Output
0
0
1
1
0
1
14
LUT3_2 / DFF5 Output
0
0
1
1
1
0
15
LUT3_3 / DFF6 Output
0
0
1
1
1
1
16
LUT3_4 / DFF7 Output
0
1
0
0
0
0
17
LUT3_5 / CNT_DLY2(8bit) Output
0
1
0
0
0
1
18
LUT3_6 / CNT_DLY3(8bit) Output
0
1
0
0
1
0
19
LUT3_7 / CNT_DLY4(8bit) Output
0
1
0
0
1
1
20
LUT3_8 / CNT_DLY5(8bit) Output
0
1
0
1
0
0
21
LUT3_9 / CNT_DLY6(8bit) Output
0
1
0
1
0
1
22
LUT4_0 / CNT_DLY0(16bit) Output
0
1
0
1
1
0
23
LUT4_1 / CNT_DLY1(16bit) Output
0
1
0
1
1
1
24
LUT3_10 / Pipe Delay (1st stage) Output
0
1
1
0
0
0
25
Pipe Delay Output0
0
1
1
0
0
1
26
Pipe Delay Output1
0
1
1
0
1
0
27
Internal OSC Pre-Divided by 1/2/4/8 Output and Post-Divided by
1/2/3/4/8/12/24/64 Output (25KHz/2MHz)
011
01
1
28
Internal OSC Pre-Divided by 1/2/4/8 Output and Post-Divided by
1/2/3/4/8/12/24/64 Output (25KHz/2MHz)
011
10
0
29
Internal OSC Pre-Divided by 1/2/4/8 Output (25MHz)
011
10
1
30
Filter0 / Edge Detect0 Output
0
1
1
1
1
0
31
Filter1 / Edge Detect1 Output
0
1
1
1
1
1
32
Pin6 Digital or I2C_virtual_0 Input
1
0
0
0
0
0
33
Pin7 Digital or I2C_virtual_1 Input
1
0
0
0
0
1
34
I2C_virtual_2 Input
1
0
0
0
1
0
35
I2C_virtual_3 Input
1
0
0
0
1
1


Podobny numer części - SLG46535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535V RENESAS-SLG46535V Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
SLG46535VTR RENESAS-SLG46535VTR Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results

Podobny opis - SLG46535

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com