Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YAT-0-D Arkusz danych(PDF) 5 Page - Mini-Circuits

Numer części YAT-0-D
Szczegółowy opis  Fixed Attenuator Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-0-D Arkusz danych(HTML) 5 Page - Mini-Circuits

  YAT-0-D Datasheet HTML 1Page - Mini-Circuits YAT-0-D Datasheet HTML 2Page - Mini-Circuits YAT-0-D Datasheet HTML 3Page - Mini-Circuits YAT-0-D Datasheet HTML 4Page - Mini-Circuits YAT-0-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Fixed Attenuator Die
Page 5 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set with port extension(.zip file)
Case Style
Die
Die Ordering and packaging
information
Quantity, Package
Small, Gel - Pak: 10,50,100 KGD*
Medium, Partial wafer: KGD*<5K
Large, Full Wafer
YAT-0-DG+
YAT-0-DP+
YAT-0-DF+
Available upon request contact sales representative
Refer to
AN-60-067
Environmental Ratings
ENV-80
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
D. Mini-Circuits does not warrant the accuracy or completeness of the information, text, graphics and other items
contained within this document and same are provided as an accommodation and on an “As is” basis, with all faults.
E. Purchasers of this part are solely responsible for proper storing, handling, assembly and processing of Known
Good Dice (including, without limitation, proper ESD preventative measures, die preparation, die attach, wire bond
ing and related assembly and test activities), and Mini-Circuits assumes no responsibility therefor or for environmental
effects on Known Good Dice.
F. Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation d/b/a Mini-
Circuits. All other third-party trademarks are the property of their respective owners. A reference to any third-party
trademark does not constitute or imply any endorsement, affiliation, sponsorship, or recommendation by any such
third-party of Mini-Circuits or its products.
ESD Rating**
Human Body Model (HBM): Class 1A (250 to 500V) in accordance with JESD22 - A114
Machine Model (MB): Class B (>200V) in accordance with JESD22-A115
Additional Detailed Technical Information
additional information is available on our dash board.
*Known Good Dice (“KGD”) means that the dice in question have been subjected to Mini-Circuits DC test performance criteria and measurement
instructions and that the parametric data of such dice fall within a predefined range. While DC testing is not definitive, it does help to provide a higher
degree of confidence that dice are capable of meeting typical RF electrical parameters specified by Mini-Circuits.
YAT-0-D+
** Tested in industry standard 2x2 mm, 6-lead MCLP package.


Podobny numer części - YAT-0-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
YAT-0 MINI-YAT-0 Datasheet
235Kb / 4P
   Fixed Attenuator
REV. E
YAT-0++ MINI-YAT-0+ Datasheet
235Kb / 4P
   Fixed Attenuator
REV. E
YAT-0A MINI-YAT-0A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-0A++ MINI-YAT-0A+ Datasheet
5Mb / 13P
   Fixed Attenuator
More results

Podobny opis - YAT-0-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com