Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YAT-1-D Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części YAT-1-D
Szczegółowy opis  Fixed Attenuator Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-1-D Arkusz danych(HTML) 2 Page - Mini-Circuits

  YAT-1-D Datasheet HTML 1Page - Mini-Circuits YAT-1-D Datasheet HTML 2Page - Mini-Circuits YAT-1-D Datasheet HTML 3Page - Mini-Circuits YAT-1-D Datasheet HTML 4Page - Mini-Circuits YAT-1-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Microwave Precision
Fixed Attenuator Die
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Pad
Description
RF-IN
RF input pad
RF-OUT
RF output pad
GND
GND pads
YAT-1-D+
Product Features
• wide bandwidth, DC-26.5 GHz
• excellent attenuation accuracy & flatness
• exceptional power handling, up to 2W
REV. OR
M152022
YAT-1-D+
RS/CP/AM
170113
Typical Applications
• Cellular
• PCS
• communications
• radar
• defense
50
2W
1dB
DC to 26.5 GHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
General Description
YAT-1-D+ is a absorptive attenuator die fabricated using highly repetitive MMIC process including thin
film resistors on Silicon substrate. YAT-1-D+ attenuator die contains through-wafer Cu metallization vias
to realize low thermal resistance and wideband operation.
Simplified Schematic and Pad description


Podobny numer części - YAT-1-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
YAT-10-D MINI-YAT-10-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-10A MINI-YAT-10A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-10A++ MINI-YAT-10A+ Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-12A MINI-YAT-12A Datasheet
5Mb / 13P
   Fixed Attenuator
More results

Podobny opis - YAT-1-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com